Electronic Components Datasheet Search
  English  ▼

X  

CDB4216 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CDB4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4216 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CDB4216 Datasheet HTML 17Page - Cirrus Logic CDB4216 Datasheet HTML 18Page - Cirrus Logic CDB4216 Datasheet HTML 19Page - Cirrus Logic CDB4216 Datasheet HTML 20Page - Cirrus Logic CDB4216 Datasheet HTML 21Page - Cirrus Logic CDB4216 Datasheet HTML 22Page - Cirrus Logic CDB4216 Datasheet HTML 23Page - Cirrus Logic CDB4216 Datasheet HTML 24Page - Cirrus Logic CDB4216 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
SCLK to CLKIN, the noise performance in
Slave sub-mode may be slightly worse than
when using Master sub-mode. The CS4216 inter-
nally sets the sample frequency by sensing the
ratio of SCLK to CLKIN; therefore, for a given
CLKIN frequency, the sample frequency is se-
lected by changing the SCLK frequency.
SM4-Slave allows up to four codecs to occupy
the same audio serial port. Table 8 lists the pin
configurations required to set the serial audio
port up for 32, 64, or 128 bits-per-frame (BPF).
Since each codec requires one sub-frame of
32 bits, 64 bits-per-frame allows up to two
codecs to occupy the same audio serial port, and
128 bits-per-frame allows up to four codecs to
occupy the same audio serial port. When set up
for more than one codec on the bus, other pins
are needed to select the particular time slot (TS)
associated with each codec. MF8:SFS2 selects
the time slot when in 64 BPF mode, and
MF8:SFS2 and MF7:SFS1 select one of four
time slots when in 128 bits-per-frame mode. Ta-
ble 8 lists the decoding for time slot selection.
In SM4-Slave, the frequency of the incoming
SCLK signal, in relation to CLKIN, determines
the sample frequency on the CS4216. The
CS4216 determines the ratio of SCLK to CLKIN
and sets the internal sample frequency accord-
ingly. Table 9 lists the SCLK to CLKIN fre-
quency ratio used to determine the codec’s
sample frequency. SCLK must equal CLKIN di-
vided by the number in the table, based on the
selected bits per frame. As an example, assuming
32 BPF and CLKIN = 11.2896 MHz, if a sample
frequency of 11.025 kHz is desired, SCLK must
equal CLKIN divided by 32 or 352.8 kHz.
Serial Control Port (SM4)
Serial Mode 4 separates the audio data from the
control data. Since control data such as gain and
attenuation do not change often, this mode re-
duces the bandwidth needed to support the audio
serial port.
The control information is entered through a
separate port that can be asynchronous to the
audio port and only needs to be updated when
changes in the control data are needed. After a
reset or power down, the control port must be
written once to initialize it if the port will be ac-
cessed to read or write control bits. This initial
write is considered a "dummy" write since the
data is ignored by the codec. A second write is
needed to configure the codec as desired. Then,
the control port only needs to be written to when
a change is desired, or to obtain the status infor-
mation. The control port does not function if the
master clock is not operating. When the control
Fs (kHz)
MF6:
MF7:
MF8:
N
with CLKIN
F1
F2
F3
12.288
11.2896
MHz
MHz
0
0
0
256
48.00
44.10
0
0
1
384
32.00
29.40
0
1
0
512
24.00
22.05
0
1
1
640
19.20
17.64
1
0
0
768
16.00
14.70
1
0
1
1024
12.00
11.025
1
1
0
1280
9.60
8.82
1
1
1
1536
8.00
7.35
Table 7. SM4-Master, Fs Select
MF6:
MF7:
MF8:
Bits Per
Time
F1
SFS1
SFS2
Frame
Slot
(BPF)
(TS)
000
32
1
001
Reserved
010
64
1
011
64
2
100
128
1
110
128
2
101
128
3
111
128
4
Table 8. SM4-Slave, Audio Port BPF & TS Select
CS4216
DS83F2
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com