Electronic Components Datasheet Search
  English  ▼

X  

CDB4216 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CDB4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4216 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CDB4216 Datasheet HTML 35Page - Cirrus Logic CDB4216 Datasheet HTML 36Page - Cirrus Logic CDB4216 Datasheet HTML 37Page - Cirrus Logic CDB4216 Datasheet HTML 38Page - Cirrus Logic CDB4216 Datasheet HTML 39Page - Cirrus Logic CDB4216 Datasheet HTML 40Page - Cirrus Logic CDB4216 Datasheet HTML 41Page - Cirrus Logic CDB4216 Datasheet HTML 42Page - Cirrus Logic CDB4216 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
Features
•• Easy DSP Hook-Up
•• Analog-in To Analog-out Loopback
Mode
•• Correct Grounding and Layout
•• Microphone Pre-amplifier
•• Line Input Buffer
•• Digital and Analog Patch Areas
General Description
The CDB4216 and CDB4218 evaluation boards allow
easy evaluation of the CS4216 and CS4218 audio mul-
timedia codecs. Analog inputs provided include two
BNC line inputs for LIN1 and RIN1, and two
1/4" micro-
phone jacks on the LIN2 and RIN2 lines. Analog
outputs are available on two BNCs.
Digital interfacing is facilitated using one to three of the
buffered ribbon cable headers. All four serial modes of
the CS4216 and all three modes of the CS4218 are
supported using a simple DIP switch which is decoded
to select the proper mode and sub-mode.
ORDERING INFORMATION: CDB4216 or CDB4218
JUN ’93
CS83DB4
39
Crystal Semiconductor Corporation
P.O. Box 17847, Austin, TX 78760
(512) 445 7222 Fax: (512) 445 7581
CS4216 Evaluation Board
Semiconductor Corporation
CDB4216
CS4216
VA
Digital
I/O
Buffers
&
MUX
Digital Patch
Area
AGND
VD
DGND
CLKIN
Audio
Port
Control
Port
Line Inputs
Microphone
Jacks
Line Outputs
A = 14 dB
A = - 6 dB
(+5V)
Analog Patch
Area
LIN2
RIN2
LIN1
RIN1
LOUT
ROUT
OSC
Digital
I/O Port
Configuration
Switch
(+5V)
Copyright
© Crystal Semiconductor Corporation 1993
(All Rights Reserved)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com