Electronic Components Datasheet Search
  English  ▼

X  

CDB4216 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CDB4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4216 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CDB4216 Datasheet HTML 37Page - Cirrus Logic CDB4216 Datasheet HTML 38Page - Cirrus Logic CDB4216 Datasheet HTML 39Page - Cirrus Logic CDB4216 Datasheet HTML 40Page - Cirrus Logic CDB4216 Datasheet HTML 41Page - Cirrus Logic CDB4216 Datasheet HTML 42Page - Cirrus Logic CDB4216 Datasheet HTML 43Page - Cirrus Logic CDB4216 Datasheet HTML 44Page - Cirrus Logic CDB4216 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
either serial mode 3, SM3, or serial mode 4,
SM4. Serial modes 1 and 2, SM1 and SM2, are
primarily designed for ASICs and are less flex-
ible. SM1 and SM2 are not available on the
CS4218. The CS4218 has additional SM3 sub-
modes: Multiplier Master (SM3-MM) and
Multiplier Slave (SM3-MS).
These sub-modes
are identical to the SM3 Master and Slave sub-
modes except that the master clock, CLKIN,
must be 16xFsmax instead of 256xFsmax. The
CS4218 also provides a master I
2S mode. In
master sub-modes, the CS4216/8 output SSYNC
and SCLK. In slave sub-modes, SSYNC and
SCLK must be externally generated and must be
synchronous to CLKIN.
Bits per Frame Selection
The next decision is selecting the number of bits
per frame which defines how many codecs can
sit on the same serial bus. Each codec occupies a
sub-frame and 1 to 4 sub-frames make up a
frame. A sub-frame is 64 bits in SM1, SM2, and
SM3; and 32 bits in SM4. Table 2 lists the possi-
ble selections. If the evaluation board serial port
is shared with other devices, SDOUTUB must be
used instead of SDOUT since SDOUTUB,
driven directly from the chip, must only drive
the time slot assigned to it. See the Audio Port
Header section for more information.
Time Slot Selection
If the number of bits per frame selected allows
for more than one codec sub-frame, then the ac-
tual time slot or sub-frame used by the eval
board must be selected. This is done with the
TS2 and TS1 DIP switches. If the number of bits
per frame allows only one codec on the serial
bus, then TS2 and TS1 are ignored. Table 3 list
the decoding for TS2 and TS1. Time slot 1 is the
first sub-frame after SSYNC goes high, time
slot 2 is the next sub-frame, and so on.
Sample Frequency Selection - Master Mode
The last decision is selecting the sample fre-
quency in master sub-mode. If configured for
slave sub-mode, the sample frequency is the ratio
of S C LK t o C LKIN as des c ri bed i n t h e
CS4216/8 Data Sheets. In master modes, three
pins are used to select the sample frequency di-
vide. The DIP switches labeled DIV1, DIV2, and
DIV3 select the sample frequency and are
equivalent to F1, F2, and F3, respectively. The
actual F1-F3 pins on the CS4216/8 are different
between SM3 and SM4 as shown in Table 4 at
the end of the data sheets. Table 3 and Table 9 of
the CS4216 Data Sheet describe the sample fre-
quencies obtained using the on-board oscillator
of 11.2896 MHz. As an example, if all DIV
switches are off, the sample frequency is
44.1 kHz. With only DIV2 on, the sample fre-
quency is 22.05 kHz.
To obtain a sample
frequency of 44.1 kHz using the CDB4218, all
DIV switches should be set to zero and a
705.6 kHz clock should be connected to the
BNC jack (J2). The shunt on J1 should be set to
EXT.
BPF
SM1
SM3
SM4
21
SM2
SL
MA
SL
MA
0
0
256
64
64
32
32
0
1
256
128
128
64
64
1
0
256
256
128
128
64
1
1
256
256*
128
128
64
* SCLK is master clock.
Table 2. DIP Switch, Bits per Frame
TS2
TS1
Available Sub-frames
42
1
00
1
1
1
01
2
2
1
10
3
2
1
11
4
2
1
Table 3. DIP Switch, Time Slots
CDB4216
DS83DB4
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com