Electronic Components Datasheet Search
  English  ▼

X  

CS4341 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS4341
Description  24-Bit, 96 kHz Stereo DAC with Volume Control?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS4341 Datasheet HTML 18Page - Cirrus Logic CS4341 Datasheet HTML 19Page - Cirrus Logic CS4341 Datasheet HTML 20Page - Cirrus Logic CS4341 Datasheet HTML 21Page - Cirrus Logic CS4341 Datasheet HTML 22Page - Cirrus Logic CS4341 Datasheet HTML 23Page - Cirrus Logic CS4341 Datasheet HTML 24Page - Cirrus Logic CS4341 Datasheet HTML 25Page - Cirrus Logic CS4341 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
CS4341
22
DS298PP2
5.
PIN DESCRIPTION
Analog Power - VA
Pin 14, Input
Function:
Analog power supply. Typically 3 to 5VDC.
Analog Ground - AGND
Pin 13, Input
Function:
Analog ground reference.
Analog Output - AOUTA and AOUTB
Pins 12 and 15, Output
Function:
The full scale analog output level is specified in the Analog Characteristics specifications table.
Reference Ground - REF_GND
Pin 11, Input
Function:
Ground reference for the internal sampling circuits. Must be connected to analog ground.
Positive Voltage Reference - FILT+
Pin 9, Output
Function:
Positive reference for internal sampling circuits. External capacitors are required from FILT+ to analog
ground, as shown in Figure 6. The recommended values will typically provide 60 dB of PSRR at 1 kHz
and 40 dB of PSRR at 60 Hz. FILT+ is not intended to supply external current. FILT+ has a typical source
impedence of 250 k
Ω and any current drawn from this pin will alter device performance.
Quiescent Voltage - VQ
Pin 10, Output
Function:
Filter connection for internal quiescent reference voltage, typically 50% of VA. Capacitors must be con-
nected from VQ to analog ground, as shown in Figure 6. VQ is not intended to supply external current. VQ
has a typical source impedence of 250 k
Ω and any current drawn from this pin will alter device perfor-
mance.
15
2
14
3
13
4
16
1
11
6
10
7
9
8
12
5
Reset
RST
MUTEC
Mute Control
Serial Data
SDATA
AOUTA
Analog Output A
Serial Clock
SCLK
VA
Analog Power
Left/Right Clock
LRCK
AGND
Analog Ground
Master Clock
MCLK
AOUTB
Analog Output B
SCL/CCLK
SCL/CCLK
REF_GND Reference Ground
SDA/CDIN
SDA/CDIN
VQ
Quiescent Voltage
AD0/CS
AD0/CS
FILT+
Positive Voltage Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com