Electronic Components Datasheet Search
  English  ▼

X  

CS4341 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4341
Description  24-Bit, 96 kHz Stereo DAC with Volume Control?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341 Datasheet(HTML) 4 Page - Cirrus Logic

  CS4341 Datasheet HTML 1Page - Cirrus Logic CS4341 Datasheet HTML 2Page - Cirrus Logic CS4341 Datasheet HTML 3Page - Cirrus Logic CS4341 Datasheet HTML 4Page - Cirrus Logic CS4341 Datasheet HTML 5Page - Cirrus Logic CS4341 Datasheet HTML 6Page - Cirrus Logic CS4341 Datasheet HTML 7Page - Cirrus Logic CS4341 Datasheet HTML 8Page - Cirrus Logic CS4341 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
CS4341
4
DS298PP2
Figure 18. Maximum Loading ........................................................................................................ 29
Figure 19. Power vs. Sample Rate (VA = 5V) ............................................................................... 29
Figure 20. CS4341 Format 0 (I2S) ................................................................................................ 30
Figure 21. CS4341 Format 1 (I2S) ................................................................................................ 30
Figure 22. CS4341 Format 2 ......................................................................................................... 30
Figure 23. CS4341 Format 3 ......................................................................................................... 31
Figure 24. CS4341 Format 4 ......................................................................................................... 31
Figure 25. CS4341 Format 5 ......................................................................................................... 31
Figure 26. CS4341 Format 6 ......................................................................................................... 32
Figure 27. De-Emphasis Curve ..................................................................................................... 32
Figure 28. ATAPI Block Diagram ..................................................................................................32
LIST OF TABLES
Table 1. Master Clock Divide Enable ............................................................................................... 15
Table 2. Auto-Mute Enable ............................................................................................................... 15
Table 3. Digital Interface Formats .................................................................................................... 16
Table 4. De-emphasis Filter Configurations ..................................................................................... 16
Table 5. Power On/Off Ramp Enable ...............................................................................................17
Table 6. Power Down Enable ........................................................................................................... 17
Table 7. A=B Volume Control Enable............................................................................................... 18
Table 8. Soft Ramp and Zero Cross Enable..................................................................................... 19
Table 9. ATAPI Decode .................................................................................................................... 19
Table 10. Mute Enable ..................................................................................................................... 20
Table 11. Digital Volume Settings .................................................................................................... 21
Table 12. Common Clock Frequencies ............................................................................................ 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com