Electronic Components Datasheet Search
  English  ▼

X  

CS4341 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4341
Description  24-Bit, 96 kHz Stereo DAC with Volume Control?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341 Datasheet(HTML) 5 Page - Cirrus Logic

  CS4341 Datasheet HTML 1Page - Cirrus Logic CS4341 Datasheet HTML 2Page - Cirrus Logic CS4341 Datasheet HTML 3Page - Cirrus Logic CS4341 Datasheet HTML 4Page - Cirrus Logic CS4341 Datasheet HTML 5Page - Cirrus Logic CS4341 Datasheet HTML 6Page - Cirrus Logic CS4341 Datasheet HTML 7Page - Cirrus Logic CS4341 Datasheet HTML 8Page - Cirrus Logic CS4341 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
CS4341
DS298PP2
5
1.
CHARACTERISTICS AND SPECIFICATIONS
ANALOG CHARACTERISTICS (T
A = 25 °C; Logic "1" = VA = 5 V; Logic "0" = AGND;
Full-Scale Output Sine Wave, 997 Hz; MCLK = 12.288 MHz; Fs for Base-rate Mode = 48 kHz, SCLK = 3.072 MHz,
Measurement Bandwidth 10 Hz to 20 kHz, unless otherwise specified; Fs for High-Rate Mode = 96 kHz,
SCLK = 6.144 MHz, Measurement Bandwidth 10 Hz to 40 kHz, unless otherwise specified. Test load RL = 10 kΩ,
CL = 10 pF (see Figure 17)),
Notes: 1. One-half LSB of triangular PDF dither is added to data.
Parameter
Base-rate Mode
High-Rate Mode
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Dynamic Performance for VA = 5 V
Specified Temperature Range
TA
-10
-
70
-10
-
70
°C
Dynamic Range
(Note 1)
18 to 24-Bit
unweighted
A-Weighted
16-Bit unweighted
A-Weighted
92
96
-
-
97
101
95
99
-
-
-
-
91
95
-
-
96
100
94
98
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-89
-77
-37
-88
-75
-35
-84
-72
-32
-
-
-
-
-
-
-
-
-
-89
-74
-36
-89
-73
-34
-84
-69
-31
-
-
-
dB
dB
dB
dB
dB
dB
Interchannel Isolation
(1 kHz)
-
100
-
-
100
-
dB
Dynamic Performance for VA = 3 V
Specified Temperature Range
TA
-10
-
70
-10
-
70
°C
Dynamic Range
(Note 1)
18 to 24-Bit
unweighted
A-Weighted
16-Bit unweighted
A-Weighted
99
102
-
-
94
97
93
96
-
-
-
-
97
101
-
-
92
96
91
96
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-94
-74
-34
-93
-73
-33
-89
-69
-29
-
-
-
-
-
-
-
-
-
-92
-76
-32
-91
-71
-31
-87
-71
-27
-
-
-
dB
dB
dB
dB
dB
dB
Interchannel Isolation
(1 kHz)
-
100
-
-
100
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com