Electronic Components Datasheet Search
  English  ▼

X  

CS43L42 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS43L42
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L42 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS43L42 Datasheet HTML 11Page - Cirrus Logic CS43L42 Datasheet HTML 12Page - Cirrus Logic CS43L42 Datasheet HTML 13Page - Cirrus Logic CS43L42 Datasheet HTML 14Page - Cirrus Logic CS43L42 Datasheet HTML 15Page - Cirrus Logic CS43L42 Datasheet HTML 16Page - Cirrus Logic CS43L42 Datasheet HTML 17Page - Cirrus Logic CS43L42 Datasheet HTML 18Page - Cirrus Logic CS43L42 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
CS43L42
DS481PP2
15
3. REGISTER QUICK REFERENCE
Addr
Function
765
432
10
0h
Reserved
Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved
default
0
000
000
0
1h
Power and Muting
Control
AMUTE
SZC1
SZC0
POR
PDNHP
PDNLN
PDN
Reserved
default
11
0
1
001
0
2h
Channel A Analog
Headphone
Attenuation Control
HVOLA7
HVOLA6
HVOLA5
HVOLA4
HVOLA3
HVOLA2
HVOLA1
HVOLA0
default
0
000
000
0
3h
Channel B Analog
Headphone
Attenuation Control
HVOLB7
HVOLB6
HVOLB5
HVOLB4
HVOLB3
HVOLB2
HVOLB1
HVOLB0
default
0
000
000
0
4h
Channel A Digital
Volume Control
DVOLA7
DVOLA6
DVOLA5
DVOLA4
DVOLA3
DVOLA2
DVOLA1
DVOLA0
default
0
000
000
0
5h
Channel B Digital
Volume Control
DVOLB7
DVOLB6
DVOLB5
DVOLB4
DVOLB3
DVOLB2
DVOLB1
DVOLB0
default
0
000
000
0
6h
Tone Control
BB3
BB2
BB1
BB0
TB3
TB2
TB1
TB0
default
0
000
000
0
7h
Mode Control
BBCF1
BBCF0
TBCF1
TBCF0
A=B
DEM1
DEM0
VCBYP
default
0
000
000
0
8h
Limiter Attack Rate
ARATE7
ARATE6
ARATE5
ARATE4
ARATE3
ARATE2
ARATE1
ARATE0
default
0
001
000
0
9h
Limiter Release Rate
RRATE7
RRATE6
RRATE5
RRATE4
RRATE3
RRATE2
RRATE1
RRATE0
default
0
010
000
0
Ah
Volume and Mixing
Control
TC1
TC0
TC_EN
LIM_EN
ATAPI3
ATAPI2
ATAPI1
ATAPI0
default
0
000
100
1
Bh
Mode Control 2
MCLKDIV
LINE1
LINE0
Reserved Reserved
DIF2
DIF1
DIF0
default
0
000
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com