Electronic Components Datasheet Search
  English  ▼

X  

CS43L42 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS43L42
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L42 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS43L42 Datasheet HTML 27Page - Cirrus Logic CS43L42 Datasheet HTML 28Page - Cirrus Logic CS43L42 Datasheet HTML 29Page - Cirrus Logic CS43L42 Datasheet HTML 30Page - Cirrus Logic CS43L42 Datasheet HTML 31Page - Cirrus Logic CS43L42 Datasheet HTML 32Page - Cirrus Logic CS43L42 Datasheet HTML 33Page - Cirrus Logic CS43L42 Datasheet HTML 34Page - Cirrus Logic CS43L42 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
CS43L42
DS481PP2
31
7.3 Memory Address Pointer (MAP)
7.3.1 INCR (AUTO MAP INCREMENT ENABLE)
Default = ‘0’
0 - Disabled
1 - Enabled
7.3.2 MAP0-3 (MEMORY ADDRESS POINTER)
Default = ‘0000’
76543210
INCR
Reserved
Reserved
Reserved
MAP3
MAP2
MAP1
MAP0
00000000
MA P
MSB
LS B
DATA
byte 1
byte n
R/W
MA P = M e mo ry A d d re s s P o in te r
ADDRESS
CH IP
CD IN
CC L K
CS
00 10 00 0
Figure 7. Control Port Timing, SPI mode
SD A
SC L
001 0 00
AD D R
AD 0
R/W
Sta rt
ACK
DA T A
1-8
ACK
DAT A
1-8
ACK
Stop
N o te : If o peratio n is a w rite, th is byte contain s th e M e m o ry A d dress P o in te r, M A P .
No te 1
Figure 8. Control Port Timing, Two-Wire Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com