Electronic Components Datasheet Search
  English  ▼

X  

CS43L42 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS43L42
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L42 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS43L42 Datasheet HTML 22Page - Cirrus Logic CS43L42 Datasheet HTML 23Page - Cirrus Logic CS43L42 Datasheet HTML 24Page - Cirrus Logic CS43L42 Datasheet HTML 25Page - Cirrus Logic CS43L42 Datasheet HTML 26Page - Cirrus Logic CS43L42 Datasheet HTML 27Page - Cirrus Logic CS43L42 Datasheet HTML 28Page - Cirrus Logic CS43L42 Datasheet HTML 29Page - Cirrus Logic CS43L42 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
CS43L42
26
DS481PP2
5. PIN DESCRIPTION
RST
1
Reset (Input) - The device enters a low power mode and all internal registers are reset to
their default settings, including the control port, when low. When high, the control port
becomes operational and the PDN bit must be cleared before normal operation will occur.
The control port cannot be accessed when Reset is low.
LRCK
2
Left/Right Clock (Input) - Determines which channel is currently being input on the serial
audio data input, SDATA. The frequency of the Left/Right clock must be equal to the input
sample rate. Audio samples in Left/Right sample pairs will be simultaneously output from
the digital-to-analog converter whereas Right/Left pairs will exhibit a one sample period dif-
ference. The required relationship between the Left/Right clock, serial clock and serial data
is defined by the Mode Control 2 (0Bh) register when in Control Port Mode or by the DIF1-0
pins when in Stand-Alone mode. The options are detailed in Figures 19-29.
SDATA
3
Serial Audio Data (Input) - Two's complement MSB-first serial data is input on this pin. The
data is clocked into SDATA via the serial clock and the channel is determined by the
Left/Right clock. The required relationship between the Left/Right clock, serial clock and
serial data is defined by the Mode Control 2 (0Bh) register when in Control Port Mode or by
the DIF1-0 pins when in Stand-Alone mode. The options are detailed in Figures 19-29.
AD0/CS
(Control Port Mode)
4
Address Bit / Chip Select (Input) - In Two-Wire mode, AD0 is a chip address bit. CS is
used to enable the control port interface in SPI mode. The device will enter the SPI mode
anytime a high to low transition is detected on this pin. Once the device has entered the
SPI mode, it will remain in SPI mode until either the part is reset or power is removed.
SCLK
5
Serial Clock (Input) - Clocks the individual bits of the serial data into the SDATA pin. The
required relationship between the Left/Right clock, serial clock and serial data is defined by
the Mode Control 2 (0Bh) register when in Control Port Mode or by the DIF1-0 pins when in
Stand-Alone mode. The options are detailed in Figures 19-29.
The CS43L42 supports both internal and external serial clock generation modes. The Inter-
nal Serial Clock Mode eliminates possible clock interference from an external SCLK. Use
of the Internal Serial Clock Mode is always preferred.
Internal Serial Clock Mode - In the Internal Serial Clock Mode, the serial clock is internally
derived and synchronous with the master clock and left/right clock. The SCLK/LRCK fre-
quency ratio is either 32, 48, or 64 depending upon the Mode Control 2 (0Bh) register when
in Control Port Mode or the DIF1-0 pins when in Stand-Alone mode as shown in Figures
19-29. Operation in this mode is identical to operation with an external serial clock synchro-
nized with LRCK.
External Serial Clock Mode - The CS43L42 will enter the External Serial Clock Mode when-
ever 16 low to high transitions are detected on the SCLK pin during any phase of the LRCK
period. The device will revert to Internal Serial Clock Mode if no low to high transitions are
detected on the SCLK pin for 2 consecutive periods of LRCK.
Reset
RST
MUTEC
Mute Control
Left/Right Clock
LRCK
AOUTA
Analog Output A
Serial Data
SDATA
AOUTB
Analog Output B
AD0/CS/DEM0
AD0/CS/DEM0
HP_B
Headphone Output B
Serial Clock/DEM1
SCLK/DEM1
VA_HP
Headphone Amp Power
Interface Power
VL
VA_LINE
Line Amp Power
Master Clock
MCLK
VA
Analog Power
SCL/CCLK/DIF1
SCL/CCLK/DIF1
GND
Ground
SDA/CDIN/DIF0
SDA/CDIN/DIF0
HP_A
Headphone Output A
No Connection
N.C.
VQ_LINE
Line Out Quiescent Voltage
Mode Select
CP/SA
FILT+
Positive Voltage Reference
HP Quiescent Voltage
VQ_HP
REF_GND
Reference Ground
1
2
3
4
5
6
7
8
9
10
11
12
5
1
2
6
24
23
22
21
20
19
18
17
16
15
14
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com