Electronic Components Datasheet Search
  English  ▼

X  

CS49326 Datasheet(PDF) 57 Page - Cirrus Logic

Part # CS49326
Description  Multi-Standard Audio Decoder Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49326 Datasheet(HTML) 57 Page - Cirrus Logic

Back Button CS49326 Datasheet HTML 53Page - Cirrus Logic CS49326 Datasheet HTML 54Page - Cirrus Logic CS49326 Datasheet HTML 55Page - Cirrus Logic CS49326 Datasheet HTML 56Page - Cirrus Logic CS49326 Datasheet HTML 57Page - Cirrus Logic CS49326 Datasheet HTML 58Page - Cirrus Logic CS49326 Datasheet HTML 59Page - Cirrus Logic CS49326 Datasheet HTML 60Page - Cirrus Logic CS49326 Datasheet HTML 61Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 86 page
background image
CS49300 Family DSP
DS339PP4
57
In autoboot mode, latching the most significant
byte would be perfectly valid since the most
significant bits are guaranteed to be zeros (the three
bytes represent a true 24-bit address).
The flow chart given in Figure 36, "Autoboot
Sequence" on page 58 demonstrates the interaction
required by the microcontroller when placing the
DSP into autoboot mode. The host must first drive
the RESET line low.
After waiting for 175 ms, the application code
should be fully downloaded to the DSP, however
the designer should note that this time is typical and
may vary for each application code. During the
wait period, the host should ignore all INTREQ
behavior (mask the INTREQ interrupt). The host
can then verify that the code has successfully
initialized itself by sending a solicited read
command to the DSP to check for a known default
value.
For
example,
by
sending
Rd_Audio_Mgr_Request (0x090003) the host will
receive
Rd_Audio_Mgr_Response
(0x890003,
0x000000). If the first read attempt returns an
incorrect value, a 5ms wait should be inserted and
the read should be repeated. If a second invalid
response is read, the entire boot process should
then be repeated. When the number returned
matches the default value for the variable read, the
host can be confident that the application is resident
in the DSP and awaiting further instructions. An
application code user’s guide should be consulted
for information about reading a variable from the
part.
Hardware configuration messages are used to
define the behavior of the DSP’s audio ports. A
more detailed description of the different hardware
configurations can be found in Section 11,
“Hardware Configuration” on page 72.
The software configuration messages are specific
to each application. The software user’s guides
(AN163, AN163x, AN162, AN162x) for each
application code provides a list of all pertinent
configuration messages. Writing the KICKSTART
message to the CS493XX begins the audio decode
process. The KICKSTART message will also be
described in the user’s guide for each application.
Until the KICKSTART has been sent, the decoder
is in a wait state.
8.2.1. Autoboot INTREQ Behavior
It is important to note that ABOOT and INTREQ
are multiplexed on pin 20 of the CS493XX.
Because this pin serves as an input before reset, and
an output after reset, the host should release the
ABOOT line after RESET has gone high. As
shown
in
Figure 37,
"Autoboot
INTREQ
Behavior" on page 57, the host must drive ABOOT
low around the rising edge of RESET.
After the host has released the ABOOT line, it will
remain high while the DSP prepares to load code
from the external memory. INTREQ should be
ignored during download, i.e. interrupts should be
masked on the host. The download time will vary
according to the size of the download image and
the frequency of the main DSP clock. The autoboot
sequence is specified to complete within 200 ms
RESET
ABOOT
Trstsu
Trsthld
Driven Low by Host
Driven Low by CS492X
Download in Progress
Figure 37. Autoboot INTREQ Behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com