Electronic Components Datasheet Search
  English  ▼

X  

CS49326 Datasheet(PDF) 58 Page - Cirrus Logic

Part # CS49326
Description  Multi-Standard Audio Decoder Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49326 Datasheet(HTML) 58 Page - Cirrus Logic

Back Button CS49326 Datasheet HTML 54Page - Cirrus Logic CS49326 Datasheet HTML 55Page - Cirrus Logic CS49326 Datasheet HTML 56Page - Cirrus Logic CS49326 Datasheet HTML 57Page - Cirrus Logic CS49326 Datasheet HTML 58Page - Cirrus Logic CS49326 Datasheet HTML 59Page - Cirrus Logic CS49326 Datasheet HTML 60Page - Cirrus Logic CS49326 Datasheet HTML 61Page - Cirrus Logic CS49326 Datasheet HTML 62Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 86 page
background image
CS49300 Family DSP
58
DS339PP4
Figure 36. Autoboot Sequence
Notes: 1. RESET must be held LOWTrstl.
2. The RD and WR pins must be configured to select a
serial communication mode as defined in the
CS493XX Datasheet. The setup (Trstsu) and hold
(Trsthld) times must be observed for the RD, WR, and
AUTOBOOT pins.
3. INTREQ should be ignored during this period. 200 ms
is typical but this time is application code specific and
may be higher. Wait times should be verified by the
designer.
4. The READ_* and WRITE_* functions are
placeholders for the READ_I2C/READ_SPI and
WRITE_I2C/WRITE_SPI functions defined in Section
6.1, “Serial Communication” on page 33.
CORRECT VALUE?
N
Y
READ_*(VARIABLE)
RESET(LOW) (NOTE 1)
RESET(HIGH) (NOTE 2)
RELEASE ABOOT
(NOTE 4)
WAIT 5 MS
AUTOBOOT COMPLETE
WRITE_*(HW_CONFIG_MSG,
HW_MSG_SIZE)
(NOTE 4)
WRITE_*(SW_CONFIG_MSG,
SW_MSG_SIZE)
(NOTE 4)
ABOOT(LOW)
WAIT 200 MS (NOTE 3)
WRITE_*(KICKSTART,
MSG_SIZE)
(NOTE 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com