Electronic Components Datasheet Search
  English  ▼

X  

CS49326 Datasheet(PDF) 62 Page - Cirrus Logic

Part # CS49326
Description  Multi-Standard Audio Decoder Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49326 Datasheet(HTML) 62 Page - Cirrus Logic

Back Button CS49326 Datasheet HTML 58Page - Cirrus Logic CS49326 Datasheet HTML 59Page - Cirrus Logic CS49326 Datasheet HTML 60Page - Cirrus Logic CS49326 Datasheet HTML 61Page - Cirrus Logic CS49326 Datasheet HTML 62Page - Cirrus Logic CS49326 Datasheet HTML 63Page - Cirrus Logic CS49326 Datasheet HTML 64Page - Cirrus Logic CS49326 Datasheet HTML 65Page - Cirrus Logic CS49326 Datasheet HTML 66Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 86 page
background image
CS49300 Family DSP
62
DS339PP4
whichever communication mode is chosen by
the host.
2) The host should then send the message
SOFT_RESET (0x000001). This will reset the
previously downloaded application with all of
the hardware configurations in their default
states. The application code user’s guide for
each application lists those parameters which
are affected by a SOFT_RESET.
3) After waiting 5 ms to allow the downloaded
application to initialize, the host can send
configuration messages for both hardware and
software configuration.
This method of resetting the DSP is usually
referred to as a “soft reset” even though it involves
toggling the reset pin.
Table 12 lists some possible external memory
configurations for each DSP, in conjunction with
IBA codes stored in the host microcontroller. The
table provides a list of the ROM content, the size of
the combined memory images, the recommended
page size, and the number of discrete pages
required. The examples also include several figures
which present the different ROM configurations as
composite memory images.
The CS49292, CS493102, and CS493112 all have
special memory requirements since they must have
access to external SRAM (70nS or faster) during
the decoding of AAC Multichannel (5.1 Channel)
audio. More specifically this SRAM requirement is
ONLY required for AAC application code which is
capable of outputting 5.1 discrete channels, but is
not required of application code that offers a 2
channel downmixed output.
Also, for the CS49330, there are certain releases
THX Surround EX (5.1 Channel and 7.1 Channel
versions), and THX Ultra2 Cinema (7.1 Channel
version
only)
application
codes
that
offer
additional all-channel delay, and for this a 1Mbit or
2Mbit, 70nS SRAM is also required. The THX
Surround EX application codes (5.1 Channel or 7.1
Channel) nor the THX Ultra2 Cinema code do not
Figure 39. Performing a Reset
WRITE_*
WRITE_* (SOFTRESET,
MSG_SIZE)
RESET(LOW) (NOTE 1)
RESET(HIGH) (NOTE 2)
WAIT
500
µs
WAIT 5 ms (NOTE 3)
(CONFIGURATION_MESSAGES,
CONFIG_MSG_SIZE)
(NOTE 4)
Notes: 1. RESET must be held LOW for trstl.
2. It should be noted that mode pins are used to configure
the CS493XX communication mode. These mode pins
are latched internally on the rising edge of reset and
can be set dynamically by a microprocessor or can be
statically pulled HIGH or LOW. If these pins are driven
dynamically, setup and hold times must be satisfied as
stated in the CS493XX Datasheet. More information
about the function of the mode pins can be found in the
CS493XX Datasheet and in Section 6, “Control” on
page 32.
3. 5 ms is typical but this time is application code specific
and may be as high as 10 ms. Wait times should be
verified by the designer.
4. Configuration messages determine both hardware and
software configuration. Hardware configurations are
described in Section 11 of this manual. Software
application configuration messages are described in
the Application Code User’s Guide for the code being
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com