Electronic Components Datasheet Search
  English  ▼

X  

CS493002-CL Datasheet(PDF) 72 Page - Cirrus Logic

Part # CS493002-CL
Description  Multi-Standard Audio Decoder Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS493002-CL Datasheet(HTML) 72 Page - Cirrus Logic

Back Button CS493002-CL Datasheet HTML 68Page - Cirrus Logic CS493002-CL Datasheet HTML 69Page - Cirrus Logic CS493002-CL Datasheet HTML 70Page - Cirrus Logic CS493002-CL Datasheet HTML 71Page - Cirrus Logic CS493002-CL Datasheet HTML 72Page - Cirrus Logic CS493002-CL Datasheet HTML 73Page - Cirrus Logic CS493002-CL Datasheet HTML 74Page - Cirrus Logic CS493002-CL Datasheet HTML 75Page - Cirrus Logic CS493002-CL Datasheet HTML 76Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 86 page
background image
CS49300 Family DSP
72
DS339PP4
11. HARDWARE CONFIGURATION
After
download
or
soft
reset,
and
before
kickstarting the application (please see the Audio
Manager in the Application Messaging Section of
any application code user’s guide for more
information on kickstarting), the host has the
option
of
changing
the
default
hardware
configuration. Hardware configuration messages
are used to physically reconfigure the hardware of
the audio decoder, as in enabling or disabling
address checking for the serial communication
port. Hardware configuration messages are also
used to initialize the data type (i.e., PCM or
compressed) and format (e.g., I2S, Left Justified,
Parallel, or Serial Bursty) for digital data inputs, as
well as the data format and clocking options for the
digital output port.
In general, the hardware configuration can only be
changed immediately after download or after soft
reset. However, some applications provide the
capability to change the input ports without
affecting other hardware configurations after
sending a special Application Restart message
(please see the Audio Manager in any Application
Code User’s Guide to determine whether the
Application Restart message is supported).
Serial digital audio data bit placement and sample
alignment is fully configurable in the CS493XX
including left justified, right justified, delay bits or
no delay bits, variable sample word sizes, variable
output channel count, and programmable output
channel pin assignments and clock edge polarity to
integrate with most digital audio interfaces. If a
mode is needed which is not presented, please
consult your
sales representative as to its
availability.
11.1. Address Checking
When using one of the serial communication
modes, I2C or SPI, as discussed in Section 6.1,
“Serial Communication” on page 33, it is necessary
to send a 7-bit address along with a read/write bit at
the start of any serial transaction. By default,
address checking is disabled in the CS493XX. See
below for how to enable address checking.
The following 4-word hex message configures the
address checking circuitry of the CS493XX: It
should be noted that this will allow the host to
enable address checking and change the address of
the device. If address checking disabled is
acceptable, then these messages do not need to be
sent.
0x800252
0x00FFFF
0x800152
0xHH0000
In the last word the following bits should replace
HH:
Bits 23:17 - New Address to use for checking (if
enabling address checking)
Bit 16 -
1 = Address checking on
0 = Address checking off
11.2. Input Data Hardware Configuration
Both data format (I2S, Left Justified, Parallel, or
Serial Bursty) and data type (compressed or PCM)
are required to fully define the input port’s
hardware configuration. The DAI and the CDI are
configured by the same group of messages since
their configurations are interrelated. The naming
convention of the input hardware configuration is
as follows:
INPUT A B C D
where A, B, C and D are the parameters used to
fully define the input port. The parameters are
defined as follows:
A - Data Type
B - Data Format (This is a don’t care for parallel
modes of data delivery)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com