Electronic Components Datasheet Search
  English  ▼

X  

CS493002-CL Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS493002-CL
Description  Multi-Standard Audio Decoder Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS493002-CL Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS493002-CL Datasheet HTML 42Page - Cirrus Logic CS493002-CL Datasheet HTML 43Page - Cirrus Logic CS493002-CL Datasheet HTML 44Page - Cirrus Logic CS493002-CL Datasheet HTML 45Page - Cirrus Logic CS493002-CL Datasheet HTML 46Page - Cirrus Logic CS493002-CL Datasheet HTML 47Page - Cirrus Logic CS493002-CL Datasheet HTML 48Page - Cirrus Logic CS493002-CL Datasheet HTML 49Page - Cirrus Logic CS493002-CL Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 86 page
background image
CS49300 Family DSP
46
DS339PP4
the host ends the write cycle by driving the CS
and DS pins high.
6.2.2.2.Reading a Byte in Motorola Mode
The flow diagram shown in Figure 27 illustrates
the sequence of events that define a one-byte read
in Motorola
mode.
The
protocol
presented
Figure 27 will now be described in detail.
1) The host must drive the A1 and A0 register
address pins of the CS493XX with the address
of the desired Parallel I/O Register. Note that
only the Host Message register and the Host
Control register can be read.
Host Message:
A[1:0]==00b.
Host Control:
A[1:0]==01b.
The host indicates that this is a read cycle by
driving the R/W pin high.
2) The host initiates the read cycle by driving the
CS and DS pins low.
3) Once the data is valid, the host can read the
value of the selected register from the
DATA[7:0] pins of the CS493XX.
4) The host should now terminate the read cycle
by driving the CS and DS pins high.
6.2.3. Procedures for Parallel Host Mode
Communication
6.2.3.1.Control Write in a Parallel Host Mode
When writing control data to the CS493XX, the
same protocol is used whether the host is writing a
control message or an entire executable download
image. Messages sent to the CS493XX should be
written most significant byte first. Likewise,
downloads of the application code should also be
performed most significant byte first.
The example shown in this section can be
generalized to fit any control write situation. The
generic function ‘Read_Byte_*()’ is used in the
following example as a generalized reference to
either Read_Byte_MOT() or Read_Byte_INT(),
and ‘Write_Byte_*()’ is a generic reference to
Write_Byte_MOT()
or
Write_Byte_INT().
Figure 28 shows a typical write sequence. The
protocol presented in Figure 28 will now be
described in detail.
1) When the host is communicating with the
CS493XX, the host must verify that the DSP is
ready to accept a new control byte. If the DSP
is in the midst of an interrupt service routine, it
will be unable to retrieve control data from the
Host Message Register. Please note that
‘Read_Byte_*()’ and ‘Write_Byte_*()’ are
generic references to either the Intel or
Motorola communication protocol.
If the most recent control byte has not yet been
read by the DSP, the host must not write a new
byte.
2) In order to determine whether the CS493XX is
ready to accept a new control byte the host must
check the HINBSY bit of the Host Control
Register (bit 2). If HINBSY is high, then the
DSP is not prepared to accept a new control
Figure 27. Motorola Mode, One-Byte Read Flow
Diagram
R/W (HIGH)
CS (L O W )
READ BYTE FROM
CS (HIGH)
ADDRESS A PARALLEL I/O REGISTER
D A T A [7:0]
DS (HIGH)
(A[1:0] SET APPROPRIATELY
DS (L O W )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com