Electronic Components Datasheet Search
  English  ▼

X  

CS493002-CL Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS493002-CL
Description  Multi-Standard Audio Decoder Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS493002-CL Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS493002-CL Datasheet HTML 37Page - Cirrus Logic CS493002-CL Datasheet HTML 38Page - Cirrus Logic CS493002-CL Datasheet HTML 39Page - Cirrus Logic CS493002-CL Datasheet HTML 40Page - Cirrus Logic CS493002-CL Datasheet HTML 41Page - Cirrus Logic CS493002-CL Datasheet HTML 42Page - Cirrus Logic CS493002-CL Datasheet HTML 43Page - Cirrus Logic CS493002-CL Datasheet HTML 44Page - Cirrus Logic CS493002-CL Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 86 page
background image
CS49300 Family DSP
DS339PP4
41
for the data bit D0 (SCCLK N-1), but it can go low
at the rising edge of SCCLK for the NACK bit
(SCCLK N) if an unsolicited message has arrived.
If no unsolicited messages arrive, the INTREQ pin
will remain high after rising.
INTREQ behavior for SPI communication is
illustrated in Figure 21, "SPI Timing" on page 36.
When using SPI communication, the INTREQ pin
will remain low until the rising edge of SCCLK for
the data bit D1 (SCCLK N-1), but it can go low at
the rising edge of SCCLK for data bit D0 (SCCLK
N) if an unsolicited message has arrived. If no
unsolicited messages arrive, the INTREQ pin will
remain high after rising.
Ideally, the host will sample INTREQ on the
falling edge of SCCLK number N-1 of the final
byte of each read response message. If INTREQ is
sampled high, the host should conclude the current
read cycle using the stop condition defined for the
communication mode chosen. The host should then
begin a new read cycle complete with the
appropriate start condition and the chip address. If
INTREQ is sampled low, the host should continue
reading the next message from the CS493XX
without ending the current read cycle.
When using automated communication ports,
however, the host is often limited to sampling the
status of INTREQ after an entire byte has been
transferred. In this situation a low-high-low
transition (case 3) would be missed and the host
will see a constantly low INTREQ pin. Since the
host should read from the CS493XX until it detects
that INTREQ has gone high, this condition will be
treated as a multiple-message read (more than one
read response is provided by the CS493XX). Under
these conditions a single byte of 0x00 will be read
out before the unsolicited message.
The length of every read response is defined in the
user’s manual for each piece of application code.
Thus, the host should know how many bytes to
expect based on the first byte (the OPCODE) of a
read response message. It is guaranteed that no read
responses will begin with 0x00, which means that a
NULL byte (0x00) detected in the OPCODE
position of a read response message should be
discarded. Please see an Application Code User’s
Guide for an explanation of the OPCODE.
It is important that the host be aware of the
presence of NULL bytes, or the communication
channel could become corrupted.
When case (3) occurs and the host issues a stop
condition before starting a new read cycle, the first
byte of the unsolicited message is loaded directly
into the shift register and 0x00 is never seen.
Alternatively, if case (3) occurs and the host
continues to read from the CS493XX without a
stop condition (a multiple message read), the 0x00
byte must be shifted out of the CS493XX before
the first byte of the unsolicited message can be
read.
In other words, if a system can only sample
INTREQ after an entire byte transfer the following
routine should be used if INTREQ is low after the
last byte of the message being read:
1) Read one byte
2) If the byte = 0x00 discard it and skip to step 3.
If the byte != 0x00 then it is the OPCODE for
the next message. For this case skip to step 4.
3) Read one more byte. This is the OPCODE for
the next message.
4) Read the rest of the message as indicated in the
previous sections.
6.2. Parallel Host Communication
The parallel host communication modes of the
CS493XX provide an 8-bit interface to the DSP.
An Intel-style parallel mode and a Motorola-style
parallel mode are supported. The host interface is
implemented using four communication registers
within the CS493XX as shown in Table 5, “Parallel
Input/Output Registers,” on page 42.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com