Electronic Components Datasheet Search
  English  ▼

X  

EXC3B Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EXC3B
Description  Chip Bead Cores
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EXC3B Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EXC3B Datasheet HTML 1Page - Panasonic Semiconductor EXC3B Datasheet HTML 2Page - Panasonic Semiconductor EXC3B Datasheet HTML 3Page - Panasonic Semiconductor EXC3B Datasheet HTML 4Page - Panasonic Semiconductor EXC3B Datasheet HTML 5Page - Panasonic Semiconductor EXC3B Datasheet HTML 6Page - Panasonic Semiconductor EXC3B Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Chip Bead Cores
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
1
2
3
4
5
6
7
8
9
10
11
12
Noise Filter
High frequency
High attenuation
for signal Lines
B
High frequency
High attenuation
for Power Lines
P
Dimensions (mm)
1.6 0.8 0.8
Code
3
Multilayer
Chip type
Bead Core
The first two digits are
significant figure of
impedance value and the
third one denotes the
number of zeros following
Product Code
Type Characteristics
Size
Nominal Impedance
Form
Suffix
Packing
Embossed Carrier Taping
Code
H
Inner Conductor
Electrode
Ferrite core
e
T
W
L
■ Type: EXC3B
● Explanation of Part Numbers
■ Dimensions in mm (not to scale)
■ Construction
Type
(inch size)
Dimensions (mm)
Mass
(Weight)
[mg/pc.]
LWT
e
EXC3BB
(0603)
1.6±0.2 0.8±0.2 0.8±0.2 0.3±0.2
4.5
EXC3BP
(0603)
1.6±0.2 0.8±0.2 0.8±0.2 0.3±0.2
4.5
Type
Part Number
Impedance
Rated Current
(mA DC)
DC Resistance
(
Ω) max.
(
Ω) at 100 MHz
tol.(%)
4532
EXCCL4532U1
115
±25
2000
0.1
3225
EXCCL3225U1
45
2000
0.05
3216
EXCCL3216U1
25
2000
0.05
4516
EXCML45A910H
91
3000
0.016
3216
EXCML32A680U
68
3000
0.012
2012
EXCML20A390U
39
4000
0.008
1608
EXCML16A270U
27
4000
0.006
1608
EXC3BP600H
60
1000
0.07
EXC3BP121H
120
500
0.1
EXC3BB221H
220
200
0.3
EXC3BB601H
600
100
0.8
EXC3BB102H
1000
50
1
■ Ratings
● Category Temperature Range –25 °C to +85 °C
Nov. 2012
02
Discontinued



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com