Electronic Components Datasheet Search
  English  ▼

X  

EXC3B Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EXC3B
Description  Chip Bead Cores
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EXC3B Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EXC3B Datasheet HTML 1Page - Panasonic Semiconductor EXC3B Datasheet HTML 2Page - Panasonic Semiconductor EXC3B Datasheet HTML 3Page - Panasonic Semiconductor EXC3B Datasheet HTML 4Page - Panasonic Semiconductor EXC3B Datasheet HTML 5Page - Panasonic Semiconductor EXC3B Datasheet HTML 6Page - Panasonic Semiconductor EXC3B Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Chip Bead Cores
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Ferrite core
Electrode
AA
L
Product Code
Type
Material
Size
Nominal Impedance
1
Form
2
3
4
5
6
7
8
9
10
11
12
Noise Filter
Molded
Chip type
Bead core
Dimensions (mm)
4.5 1.6
1.1
3.2 1.6
0.9
2.0 1.25 0.9
1.6 0.8
0.8
Code
45
32
20
16
The first two digits are
significant figure of
impedance value and the
third one denotes the
number of zeros following
Packing
Embossed Carrier Taping
(EXCML16 to 32)
Code
U
H
Part kind
Embossed Carrier Taping
(EXCML45)
Conductor
Electrode
Ferrite core
e
T
W
L
■ Dimensions in mm (not to scale)
■ Construction
■ Type: EXCML
● Explanation of Part Numbers
■ Dimensions in mm (not to scale)
■ Construction
Type
(inch size)
Dimensions (mm)
Mass
(Weight)
[mg/pc.]
LW
H
A
EXCCL4532
(1812)
4.5±0.4 3.2±0.3 1.8±0.2 0.5±0.2
125.8
EXCCL3225
(1210)
3.2±0.3 2.5±0.3 1.6±0.3 0.5±0.3
60.5
EXCCL3216
(1206)
3.2±0.3 1.6±0.3 1.6±0.3 0.5±0.3
37
Type
(inch size)
Dimensions (mm)
Mass
(Weight)
[mg/pc.]
LWT
e
EXCML16
(0603)
1.6±0.2
0.8±0.2
0.8±0.2
(0.4)
4.5
EXCML20
(0805)
2.0±0.2 1.25±0.20 0.9±0.2
(0.5)
10.5
EXCML32
(1206)
3.2±0.3
1.6±0.3
0.9±0.2
(0.6)
21.5
EXCML45
(1806)
4.5±0.3
1.6±0.3
1.1±0.2
(0.6)
36.0
Nov. 2012
02
Discontinued



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com