Electronic Components Datasheet Search
  English  ▼

X  

EXC3B Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EXC3B
Description  Chip Bead Cores
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EXC3B Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EXC3B Datasheet HTML 1Page - Panasonic Semiconductor EXC3B Datasheet HTML 2Page - Panasonic Semiconductor EXC3B Datasheet HTML 3Page - Panasonic Semiconductor EXC3B Datasheet HTML 4Page - Panasonic Semiconductor EXC3B Datasheet HTML 5Page - Panasonic Semiconductor EXC3B Datasheet HTML 6Page - Panasonic Semiconductor EXC3B Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Chip Bead Cores
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
1
2
3
4
5
6
7
8
9
10
11
12
Noise Filter
Chip type
Bead core
Dimensions (mm)
4.5 3.2 1.8
3.2 2.5 1.6
3.2 1.6 1.6
Code
4532
3225
3216
Product Code
Type
Size
Form
Suffix
Packing
Embossed Carrier Taping
Code
U
Part kind
■ Features
● Effective noise suppression for power lines and high
speed signal lines
● Easy pattern layout on PC Board
● RoHS compliant
Type: EXCCL, EXCML
● Low DC Resistance 3 to 8 mΩ typical: Rated
current (3 and 4 Amperes) (type: EXCML)
● Low impedance
Type: EXC3B
● High impedance for high speed signal line noise
● Increased attenuation
● 60 Ω-1 A, 120 Ω-0.5 A are achieved by using 1608
size (type: EXC3BP)
Chip Bead Cores
Type:
EXCCL
EXCML
EXC3B
■ Type: EXCCL
● Explanation of Part Numbers
■ Recommended Applications
● Digital equipment such as PCs, word processors,
printers, HDD, PCC, CD-ROMs, DVD-ROMs.
● Digital audio and video equipment such as VCRs,
DVC, CD Players, DVD Players.
● AC adapters, and switching power supplies.
● Electronic musical instruments, and other digital
equipment.
Nov. 2012
02
Discontinued


Similar Part No. - EXC3B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EXC3BB102H PANASONIC-EXC3BB102H Datasheet
293Kb / 8P
Chip Bead Cores
EXC3BB102H PANASONIC-EXC3BB102H Datasheet
134Kb / 7P
Chip Bead Cores
EXC3BB221H PANASONIC-EXC3BB221H Datasheet
293Kb / 8P
Chip Bead Cores
EXC3BB221H PANASONIC-EXC3BB221H Datasheet
134Kb / 7P
Chip Bead Cores
EXC3BB601H PANASONIC-EXC3BB601H Datasheet
293Kb / 8P
Chip Bead Cores
More results

Similar Description - EXC3B

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MU1005300YL ABC-MU1005300YL Datasheet
117Kb / 6P
MULTILAYER CHIP BEAD
logo
Panasonic Semiconductor
EXCCL4532U1 PANASONIC-EXCCL4532U1 Datasheet
293Kb / 8P
Chip Bead Cores
EXC28BA121U PANASONIC-EXC28BA121U Datasheet
175Kb / 5P
Chip Bead Array
EXCELSA24 PANASONIC-EXCELSA24 Datasheet
288Kb / 5P
EMI Bead Cores
logo
Murata Manufacturing Co...
BLM15PD121SN1D MURATA-BLM15PD121SN1D Datasheet
47Kb / 2P
Chip Ferrite Bead
logo
Panasonic Semiconductor
EXC-ELDR35V PANASONIC-EXC-ELDR35V Datasheet
122Kb / 5P
EMI Bead Cores
EXC-ELSA39 PANASONIC-EXC-ELSA39 Datasheet
110Kb / 4P
EMI Bead Cores
EXC-3BP600H PANASONIC-EXC-3BP600H Datasheet
134Kb / 7P
Chip Bead Cores
logo
Kemet Corporation
B-20 KEMET-B-20 Datasheet
535Kb / 6P
B-20 Series Bead Cores
logo
AiT Semiconductor Inc.
FBP AITSEMI-FBP Datasheet
197Kb / 4P
MULTILAYER CHIP BEAD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com