Electronic Components Datasheet Search
  English  ▼

X  

CYG2000 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CYG2000
Description  Cybergate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CYG2000 Datasheet(HTML) 1 Page - Clare, Inc.

  CYG2000 Datasheet HTML 1Page - Clare, Inc. CYG2000 Datasheet HTML 2Page - Clare, Inc. CYG2000 Datasheet HTML 3Page - Clare, Inc. CYG2000 Datasheet HTML 4Page - Clare, Inc. CYG2000 Datasheet HTML 5Page - Clare, Inc. CYG2000 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.clare.com
CYG20XX
DS-CYG20XX-R1
The CYG2000/2001/2010/2011/2020/2021/2030/2031
are Data Access Arrangement (DAA) modules featuring
a 350V, 120mA, 15
Ω relay used for hookswitch, optocou-
pler with minimum CTR of 33% for ring detection, and a
low distortion transformer with 28.8kbps capabilities.
• Modems
• Fax machines
• Remote data acquisition
• Security systems
• Voice mail systems
• PC motherboard
• Computer telephony
• Process control
• Medical
• PBX
• Direct broadcast satellite
• UL recognized file #: E174201
• Low distortion transformer signal coupling
(0.01% max)
• Complete ring detector circuit
• Low power hookswitch
• Electronic inductor/gyrator circuit
• Surge protection
• Transient protection zeners
• Half- (20X0) or Full- (20X1) Wave Detection
• V.32 bis /V.34 compatible
• FCC Compatible
• Compatible with U.S. and Canadian dial up
phone lines
• Supports leased-line operation
• PC board mountable
Applications
Features
Description
Approvals
CybergateTM
Ordering Information
Part #
Description
CYG2000
DAA Module, Half Wave Ring Detection
CYG2001
DAA Module, Full Wave Ring Detection
CYG2010
DAA Module, Half Wave Ring Detection,
Loop Current Detection
CYG2011
DAA Module, Full Wave Ring Detection
Loop Current Detection
CYG2020
DAA Module, Half Wave Ring Detection,
CID
CYG2021
DAA Module, Full Wave Ring Detection,
CID
CYG2030
DAA Module, Half Wave Ring Detection,
CID and Loop Current Detection
CYG2031
DAA Module, Full Wave Ring Detection,
CID and Loop Current Detection
Block Diagrams
8
7
9
RING
OH
LOOPI
1
2
17
18
11
10
HOOKSWITCH
LINE 2
LINE 1
RING
GND
VCC
GND
470
Ω
VCC
TIP
RING
GYRATOR
VCC
RING
VCC
VCC
2.2k
47k
LOOP
CURRENT
DETECT
RING
DETEC-
TION
SURGE
PROTEC-
TION
CYG2010/CYG2011
R_LIM
R_LIM
8
9
RING
OH
1
2
17
18
11
10
14
13
HOOKSWITCH
LINE 2
LINE 1
RING
GND
VCC
VCC
TIP
RING
GYRATOR/
CALLER ID
RING
R_LIM
R_LIM
VCC
47k
RING
DETEC-
TION
SURGE
PROTEC-
TION
CID1
CID2
CYG2020/CYG2021
470
Ω
8
7
9
RING
OH
LOOPI
1
2
17
18
11
10
14
13
HOOKSWITCH
LINE 2
LINE 1
RING
GND
VCC
VCC
TIP
RING
GYRATOR/
CALLER ID
VCC
RING
R_LIM
R_LIM
VCC
2.2k
47k
LOOP
CURRENT
DETECT
RING
DETEC-
TION
SURGE
PROTEC-
TION
CID1
CID2
CYG2030/CYG2031
470
Ω
Handling and Assembly Recommendations
The CYG20XX products are not hermetically sealed and should not be exposed to any liquid-based rinsing processes. Clare recommends two (2) approaches. The
modem should either use a no clean soldering flux that would mostly evaporate during the normal wave soldering processes, or be soldered in by hand after the
rest of the card is wave soldered.


Similar Part No. - CYG2000

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CYG2100 CLARE-CYG2100 Datasheet
36Kb / 4P
CYBERGATE
CYG2100 CLARE-CYG2100 Datasheet
105Kb / 5P
CYBERGATE??DAA Module
CYG2100 CLARE-CYG2100_1 Datasheet
105Kb / 5P
CYBERGATE??DAA Module
CYG2110 CLARE-CYG2110 Datasheet
36Kb / 4P
CYBERGATE
CYG2110 CLARE-CYG2110 Datasheet
104Kb / 5P
CYBERGATE??DAA Module (France)
More results

Similar Description - CYG2000

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CYG2100 CLARE-CYG2100 Datasheet
36Kb / 4P
CYBERGATE
CYG2217 CLARE-CYG2217 Datasheet
382Kb / 4P
CYBERGATE
CYG23XX CLARE-CYG23XX Datasheet
93Kb / 5P
CYBERGATE
CYG2911 CLARE-CYG2911 Datasheet
47Kb / 4P
Cybergate
CYG2100 CLARE-CYG2100_1 Datasheet
105Kb / 5P
CYBERGATE??DAA Module
CYG2218 CLARE-CYG2218 Datasheet
102Kb / 4P
CYBERGATE?
logo
IXYS Corporation
CYG2110 IXYS-CYG2110 Datasheet
490Kb / 4P
Cybergate DAA
CYG2111 IXYS-CYG2111 Datasheet
138Kb / 5P
Cybergate DAA
CYG2217 IXYS-CYG2217 Datasheet
124Kb / 4P
Cybergate DAA
CYG2320 IXYS-CYG2320 Datasheet
136Kb / 5P
Cybergate DAA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com