Electronic Components Datasheet Search
  English  ▼

X  

CYG2000 Datasheet(PDF) 3 Page - Clare, Inc.

Part # CYG2000
Description  Cybergate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CYG2000 Datasheet(HTML) 3 Page - Clare, Inc.

  CYG2000 Datasheet HTML 1Page - Clare, Inc. CYG2000 Datasheet HTML 2Page - Clare, Inc. CYG2000 Datasheet HTML 3Page - Clare, Inc. CYG2000 Datasheet HTML 4Page - Clare, Inc. CYG2000 Datasheet HTML 5Page - Clare, Inc. CYG2000 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CYG20XX
www.clare.com
Rev. 1
3
Electrical Characteristics (Continued)
Parameter
Conditions
Min
Typ
Max
Unit
Surge, Transient, and
Isolation Characteristics
Surge Protection Voltage Tip and Ring
-
-
-
300
V
(Pins 11,10)
Transient Voltage Protection on
Line 1 and Line 2 (Pins 1,2)
-
-5
-
+5
V
Isolation Voltage
(Pins 1,2,7,8,9,17,18 to10,11,13,14)
Per FCC 68.302
-
-
1000
V
RMS
Loop Detection Characteristics
(CYG2010/CYG2011/CYG2030/CYG2031)
Loop Current Detection Threshold
Internal optocoupler with
9
10
11
mA
2.2K Pull-up resistor
Test Circuits
LINE1
LINE2
+VBATT
-VBATT
OH
RING
10H
600
Ω
10H
TIP
RING
VCC
GND
CID1
CID2
VR
+5V
VLR
ILOOP
G
Log
V
V
RC
R
LR
= 20
Receive Insertion Loss =
2. CYG20XX Receive Insertion Loss
AC
Source
Rm
294
Ω
LINE1
LINE2
+5V
+VBATT
-VBATT
OH
RING
10H
600
Ω
10H
TIP
RING
VCC
GND
CID1
CID2
LOOP
Rm
294
Ω
VT
VLT
ILOOP
G
Log
V
V
TR
LT
T
= 20
Transmit Insertion Loss =
1. CYG20XX Transmit Insertion Loss
1
2
4
6
VCC
µP Control
(Active Low)
CID1
CID2
CYG2020/2021/2030/2031
Caller ID Connections
Pins 13 & 14 should be connected to a 1-Form-A solid state relay (Clare LCA110), as follows:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com