Electronic Components Datasheet Search
  English  ▼

X  

CYG2000 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CYG2000
Description  Cybergate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CYG2000 Datasheet(HTML) 4 Page - Clare, Inc.

  CYG2000 Datasheet HTML 1Page - Clare, Inc. CYG2000 Datasheet HTML 2Page - Clare, Inc. CYG2000 Datasheet HTML 3Page - Clare, Inc. CYG2000 Datasheet HTML 4Page - Clare, Inc. CYG2000 Datasheet HTML 5Page - Clare, Inc. CYG2000 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
CYG20XX
Rev. 1
Package Pinouts
Top View
18
17
1
2
8
7
9
11
10
V
CC
GND
TIP
RING
LINE 1
LINE 2
DO NOT USE
OH
RING
CYG2000/CYG2001
Top View
18
17
1
2
8
9
11
10
V
CC
GND
TIP
RING
14
13
CID1
CID2
LINE 1
LINE 2
OH
RING
CYG2020/CYG2021
Top View
18
17
1
2
8
7
9
11
10
V
CC
GND
TIP
RING
LINE 1
LINE 2
LOOPI
OH
RING
CYG2010/CYG2011
Top View
18
17
1
2
8
7
9
11
10
V
CC
GND
TIP
RING
14
13
CID1
CID2
LINE 1
LINE 2
LOOPI
OH
RING
CYG2030/CYG2031
CYG20XX Pinouts & Definitions
PIN#
I/O
Name
Function
1
I/O
LINE1
Transformer isolated audio signal coupling path for the telephone line.
2
I/O
LINE2
Transformer isolated audio signal coupling path for the telephone line.
7
I
LOOPI
When system is off-hook (OH driven LOW) LOOPI is driven LOW continuously
on CYG2010/2011/2030/2031 devices.
N/C
Keying pin for CYG2000/CYG2001, do not use.
8
I
OH
Driving this pin LOW asserts the off-hook condition. The hookswitch LED is cur-
rent limited by an internal 470
Ω resistor.
9
O
RING
Active LOW indicates an incoming ring signal. This is pulsed LOW by the AC
ring signal at the ring frequency from 15-40Hz.
10
I/O
RING
Connection to telephone line Ring conductor.
11
I/O
TIP
Connection to telephone line Tip conductor.
13
O
CID2
Caller ID connection on CYG2020/2021/2030/2031. CID1/CID2 connect to an
external 1-Form-A solid state relay (CP Clare LCA110). When the SSR is closed
(connecting CID1 to CID2) Caller ID information is presented to LINE1/LINE2
after the first telephone ring burst.
14
O
CID1
Caller ID connection. See CID2 above.
17
I
GND
Connected to host system ground.
18
I
V
CC
Provides power to the hookswitch LED. Typically +5V for
≈ 8mA LED current.
LED is current limited by an internal 470
Ω resistor. V
CC should not exceed 20V.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com