Electronic Components Datasheet Search
  English  ▼

X  

DTM64360B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DTM64360B
Description  2GB - 240-Pin 1Rx8 Registered ECC DDR3 DIMM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DTM64360B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DTM64360B Datasheet HTML 1Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 2Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 3Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 4Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 5Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 6Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 7Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 8Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DTM64360B
2GB - 240-Pin 1Rx8 Registered ECC DDR3 DIMM
Document 06943, Revision A, 3-Oct-11 Dataram Corporation
2011
Page 4
Absolute Maximum Ratings
(Note: Operation at or above Absolute Maximum Ratings can adversely affect module reliability.)
PARAMETER
Symbol
Minimum
Maximum
Unit
Temperature, non-Operating
TSTORAGE
-55
100
C
Ambient Temperature, Operating
TA
0
70
C
DRAM Case Temperature, Operating
TCASE
0
95
C
Voltage on VDD relative to VSS
VDD
-0.4
1.975
V
Voltage on Any Pin relative to VSS
VIN,VOUT
-0.4
1.975
V
Notes:
DRAM Operating Case Temperature above 85C requires 2X refresh.
Recommended DC Operating Conditions (TA = 0 to 70 C, Voltage referenced to Vss = 0 V)
PARAMETER
Symbol
Minimum
Typical
Maximum
Unit
Note
Power Supply Voltage
VDD
1.425
1.5
1.575
V
I/O Reference Voltage
VREFDQ
0.49 VDD
0.50 VDD
0.51 VDD
V
1
I/O Reference Voltage
VREFCA
0.49 VDD
0.50 VDD
0.51 VDD
V
1
Notes:
For Reference VDD/2 ± 15 mV. The value of VREF is expected to equal one-half VDD and to track variations in the VDD DC
level. Peak-to-peak noise on VREF may not exceed ±1% of its DC value. For Reference: VREF = VDD/2 ± 15 mV.
DC Input Logic Levels, Single-Ended (TA = 0 to 70 C, Voltage referenced to Vss = 0 V)
PARAMETER
Symbol
Minimum
Maximum
Unit
Logical High (Logic 1)
VIH(DC)
VREF + 0.1
VDD
V
Logical Low (Logic 0)
VIL(DC)
VSS
VREF - 0.1
V
AC Input Logic Levels, Single-Ended (TA = 0 to 70 C, Voltage referenced to Vss = 0 V)
PARAMETER
Symbol
Minimum
Maximum
Unit
Logical High (Logic 1)
VIH(AC)
VREF + 0.175
-
V
Logical Low (Logic 0)
VIL(AC)
-
VREF - 0.175
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com