Electronic Components Datasheet Search
  English  ▼

X  

DTM64360B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DTM64360B
Description  2GB - 240-Pin 1Rx8 Registered ECC DDR3 DIMM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DTM64360B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DTM64360B Datasheet HTML 2Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 3Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 4Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 5Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 6Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 7Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 8Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 9Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DTM64360B
2GB - 240-Pin 1Rx8 Registered ECC DDR3 DIMM
Document 06943, Revision A, 3-Oct-11 Dataram Corporation
2011
Page 6
IDD Specifications and Conditions (TA = 0 to 70 C, Voltage referenced to Vss = 0 V)
PARAMETER
Symbol
Test Condition
Max
Value
Unit
Operating One
Bank Active-
Precharge Current
IDD0
Operating current : One bank ACTIVATE-to-PRECHARGE
360
mA
Operating One
Bank Active-Read-
Precharge Current
IDD1
Operating current : One bank ACTIVATE-to-READ-to-
PRECHARGE
450
mA
Precharge Power-
Down Current
IDD2P
Precharge power down current: (Slow exit)
108
mA
Precharge Power-
Down Current
IDD2P
Precharge power down current: (Fast exit)
135
mA
Precharge Quiet
Standby Current
IDD2Q
Precharge quiet standby current
207
mA
Precharge Standby
Current
IDD2N
Precharge standby current
225
mA
Active Power-Down
Current
IDD3P
Active power-down current
135
mA
Active Standby
Current
IDD3N
Active standby current
243
mA
Operating Burst
Write Current
IDD4W
Burst write operating current
765
mA
Operating Burst
Read Current
IDD4R
Burst read operating current
810
mA
Burst Refresh
Current
IDD5
Refresh current
1035
mA
Self Refresh
Current
IDD6
Self-refresh temperature current: MAX TC = 85°C
108
mA
Operating Bank
Interleave Read
Current
IDD7
All bank interleaved read current
1620
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com