Electronic Components Datasheet Search
  English  ▼

X  

LBA126STR Datasheet(PDF) 1 Page - Clare, Inc.

Part # LBA126STR
Description  DUAL POLE OptoMOS Relay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LBA126STR Datasheet(HTML) 1 Page - Clare, Inc.

  LBA126STR Datasheet HTML 1Page - Clare, Inc. LBA126STR Datasheet HTML 2Page - Clare, Inc. LBA126STR Datasheet HTML 3Page - Clare, Inc. LBA126STR Datasheet HTML 4Page - Clare, Inc. LBA126STR Datasheet HTML 5Page - Clare, Inc. LBA126STR Datasheet HTML 6Page - Clare, Inc. LBA126STR Datasheet HTML 7Page - Clare, Inc. LBA126STR Datasheet HTML 8Page - Clare, Inc. LBA126STR Datasheet HTML 9Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
www.clare.com
LBA126
DS-LBA126-R3
LBA126 is 250V, 170mA, 15
Ω independent 1-Form-A and
1-Form-B relays. It features lower on-resistance with
enhanced peak load current handling capabilities.
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hookswitch
• Dial Pulsing
• Ground Start
• Ringer Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• UL Recognized: File Number E76270
• CSA Certified: File Number LR 43639-10
• BSI Certified to:
• BS EN 60950:1992 (BS7002:1992)
Certificate #: 7344
• BS EN 41003:1993
Certificate #: 7344
• Small 8 Pin DIP Package
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 3750V
RMS Input/Output Isolation
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Versions Available
Applications
Features
Description
Approvals
DUAL POLE OptoMOS® Relay
Ordering Information
Part #
Description
LBA126
8 Pin DIP (50/Tube)
LBA126P
8 Pin Flatpack (50/Tube)
LBA126PTR
8 Pin Flatpack (1000/Reel)
LBA126S
8 Pin Surface Mount (50/Tube)
LBA126STR
8 Pin Surface Mount (50/Reel)
LBA126
Units
Load Voltage
250
V
Load Current
170
mA
Max R
ON
15
Ω
Pin Configuration
Switching Characteristics of
Normally Closed (Form B) Devices
CONTROL
10ms
10%
90%
90%
+
+
TON
TOFF
+
Switching Characteristics of
Normally Open (Form A) Devices
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
1
2
3
4
8
7
6
5
LBA126 Pinout
+ Control - Normally Closed
– Control - Normally Closed
+ Control - Normally Open
– Control - Normally Open
Normally Closed Pole
Normally Open Pole
AC/DC Configuration


Similar Part No. - LBA126STR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LBA126STR IXYS-LBA126STR Datasheet
152Kb / 9P
Dual Single-Pole OptoMOS Relay
More results

Similar Description - LBA126STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA100L CLARE-LAA100L Datasheet
130Kb / 5P
DUAL POLE OptoMOS Relay
LAA120L CLARE-LAA120L Datasheet
147Kb / 7P
DUAL POLE OptoMOS Relay
LAA126 CLARE-LAA126 Datasheet
86Kb / 6P
Dual Pole OptoMOS Relay
LAA127 CLARE-LAA127 Datasheet
113Kb / 7P
DUAL POLE OptoMOS Relay
LAA127L CLARE-LAA127L Datasheet
149Kb / 7P
DUAL POLE OptoMOS Relay
LBA110 CLARE-LBA110 Datasheet
126Kb / 8P
DUAL POLE OptoMOS Relay
LBA120 CLARE-LBA120 Datasheet
125Kb / 8P
DUAL POLE OptoMOS Relay
LBB110 CLARE-LBB110 Datasheet
149Kb / 7P
DUAL POLE OptoMOS Relay
PAA150 CLARE-PAA150 Datasheet
111Kb / 5P
DUAL POLE OptoMOS Relay
XAA170 CLARE-XAA170 Datasheet
117Kb / 7P
DUAL POLE OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com