Electronic Components Datasheet Search
  English  ▼

X  

LBA126STR Datasheet(PDF) 6 Page - Clare, Inc.

Part # LBA126STR
Description  DUAL POLE OptoMOS Relay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LBA126STR Datasheet(HTML) 6 Page - Clare, Inc.

  LBA126STR Datasheet HTML 1Page - Clare, Inc. LBA126STR Datasheet HTML 2Page - Clare, Inc. LBA126STR Datasheet HTML 3Page - Clare, Inc. LBA126STR Datasheet HTML 4Page - Clare, Inc. LBA126STR Datasheet HTML 5Page - Clare, Inc. LBA126STR Datasheet HTML 6Page - Clare, Inc. LBA126STR Datasheet HTML 7Page - Clare, Inc. LBA126STR Datasheet HTML 8Page - Clare, Inc. LBA126STR Datasheet HTML 9Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.clare.com
6
LBA126
Rev. 3
LBA126 - Form B
Typical Load Voltage vs. Load Current
(Ambient Temperature = 25
°C)
IF = 5mADC
Load Voltage (V)
200
150
100
50
0
-50
-100
-150
-200
-2.0
-1.5
-0.5
-1.0
0
0.5
1.5
1.0
2.0
LBA126
Energy Rating Curve
Time
10
µs
1.2
1.0
0.8
0.6
0.4
0.2
0
1ms
100ms
10s
100
µs
10ms
1s
100s
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com