Electronic Components Datasheet Search
  English  ▼

X  

LBA126STR Datasheet(PDF) 3 Page - Clare, Inc.

Part # LBA126STR
Description  DUAL POLE OptoMOS Relay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LBA126STR Datasheet(HTML) 3 Page - Clare, Inc.

  LBA126STR Datasheet HTML 1Page - Clare, Inc. LBA126STR Datasheet HTML 2Page - Clare, Inc. LBA126STR Datasheet HTML 3Page - Clare, Inc. LBA126STR Datasheet HTML 4Page - Clare, Inc. LBA126STR Datasheet HTML 5Page - Clare, Inc. LBA126STR Datasheet HTML 6Page - Clare, Inc. LBA126STR Datasheet HTML 7Page - Clare, Inc. LBA126STR Datasheet HTML 8Page - Clare, Inc. LBA126STR Datasheet HTML 9Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LBA126
www.clare.com
Rev. 3
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
3
LBA126
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C)
IF = 5mADC
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
LBA126 - Form A
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
35
30
25
20
15
10
5
0
6.5
8.5
10.5
7.5
9.5
On-Resistance (
Ω)
LBA126 - Form B
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC)
35
30
25
20
15
10
5
0
10.4
11.6
12.4
11.2
12.0
On-Resistance (
Ω)
10.8
LBA126 - Form A
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
305
325
345
365
315
335
355
Blocking Voltage (V)
LBA126 - Form B
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
291.25
296.25
301.25
293.75
298.75
303.75
Blocking Voltage (V)
LBA126 - Form A
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC)
LED Current (mA)
25
20
15
10
5
0
0.5
0.9
1.3
0.3
0.7
1.1
1.5
LBA126 - Form B
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC)
0.63
0.99
1.35
0.45
0.81
1.17
1.53
LED Current (mA)
25
20
15
10
5
0
LBA126 - Form A
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC
25
20
15
10
5
0
0.15
0.75
1.35
1.95
0.45
1.05
1.65
LED Current (mA)
)
LBA126 - Form B
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC
40
35
30
25
20
15
10
5
0
0.63
0.99
1.35
0.45
0.81
1.17
1.53
LED Current (mA)
)
LBA126 - Form A
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
0.625
1.125
1.625
2.125
0.875
1.375
1.875
Turn-On (ms)
25
20
15
10
5
0
LBA126 - Form B
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
0.30
0.54
0.78
1.02
0.90
0.66
0.42
Turn-On (ms)
30
25
20
15
10
5
0
LBA126 - Form A
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
0.335 0.525 0.715
1.095
0.905
1.285 1.475
Turn-Off (ms)
25
20
15
10
5
0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com