Electronic Components Datasheet Search
  English  ▼

X  

2SC6023 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC6023
Description  UHF to C Band Low-Noise Amplifier and OSC Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6023 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC6023 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 4Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 5Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 6Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 7Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 8Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
2SC6023
No.8143-1/15
Features
•
Low-noise use
: NF=1.2dB typ (f=2GHz).
•
High cut-off frequency : fT=14.5GHz typ (VCE=1V).
:fT=22GHz typ (VCE=3V).
•
Low operating voltage.
•
High gain
:
S21e2=14dB typ (f=2GHz).
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
9V
Collector-to-Emitter Voltage
VCEO
3.5
V
Emitter-to-Base Voltage
VEBO
2V
Collector Current
IC
35
mA
Collector Dissipation
PC
120
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=5V, IE=0
1.0
µA
Emitter Cutoff Current
IEBO
VEB=1V, IC=0
1
µA
DC Current Gain
hFE
VCE=3V, IC=15mA
80
160
Gain-Bandwidth Product
fT1VCE=1V, IC=5mA
14.5
GHz
fT2VCE=3V, IC=15mA
18
22
GHz
Reverse Transfer Capacitance
Cre
VCB=1V, f=1MHz
0.18
pF
Forward Transfer Gain
S21e21VCE=1V, IC=5mA, f=2GHz
9.5
11
dB
S21e22VCE=3V, IC=15mA, f=2GHz
14
dB
Noise Figure
NF
VCE=1V, IC=5mA, f=2GHz
1.2
dB
Marking : NF
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN8143
31005AB TS IM TB-00000431
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
2SC6023
NPN Epitaxial Planar Silicon Transistor
UHF to C Band Low-Noise Amplifier
and OSC Applications


Similar Part No. - 2SC6023

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC6023 SANYO-2SC6023 Datasheet
58Kb / 15P
NPN Epitaxial Planar Silicon Transistor UHF to C Band Low-Noise Amplifier and OSC Applications
More results

Similar Description - 2SC6023

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5540 SANYO-2SC5540 Datasheet
30Kb / 3P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5645 SANYO-2SC5645 Datasheet
32Kb / 6P
UHF to S Band Low-Noise Amplifier and OSC Applications
SBFP405B SANYO-SBFP405B Datasheet
22Kb / 2P
UHF to C Band Low-Noise Amplifier Osc. Applications
2SC6024 SANYO-2SC6024 Datasheet
84Kb / 15P
UHF to C Band Low-Noise Amplifier and OSC Applications
2SC5647 SANYO-2SC5647 Datasheet
36Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5782 SANYO-2SC5782 Datasheet
42Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
EC3H07BA SANYO-EC3H07BA Datasheet
99Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
EC4H07CA SANYO-EC4H07CA Datasheet
64Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
MCH4009 SANYO-MCH4009_12 Datasheet
476Kb / 15P
UHF to X Band Low-Noise Amplifier and OSC Applications
MCH4013 SANYO-MCH4013_12 Datasheet
450Kb / 6P
UHF to X Band Low-Noise Amplifier and OSC Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com