Electronic Components Datasheet Search
  English  ▼

X  

2SC6023 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # 2SC6023
Description  UHF to C Band Low-Noise Amplifier and OSC Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6023 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  2SC6023 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 4Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 5Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 6Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 7Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 8Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2SC6023
No.8143-5/15
S Parameters (Common emitter)
VCE=1V, IC=5mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.886
--19.6
9.563
159.2
0.025
82.2
0.952
--19.4
400
0.809
--41.9
9.578
140.5
0.050
70.9
0.878
--37.7
600
0.740
--61.1
8.407
127.4
0.069
61.5
0.778
--53.8
800
0.651
--79.0
7.402
115.0
0.083
54.0
0.688
--66.5
1000
0.563
--99.0
6.862
103.9
0.092
49.4
0.609
--76.5
1200
0.498
--115.3
6.118
95.0
0.098
46.1
0.551
--84.9
1400
0.462
--127.2
5.350
88.4
0.105
43.8
0.508
--91.9
1600
0.429
--140.6
4.833
82.0
0.111
42.4
0.474
--98.0
1800
0.408
--151.5
4.359
76.5
0.116
41.3
0.449
--103.5
2000
0.397
--161.6
3.961
71.5
0.121
40.6
0.431
--108.7
2200
0.389
--170.0
3.610
67.1
0.126
39.9
0.418
--112.8
2400
0.386
--178.9
3.336
62.6
0.131
39.7
0.407
--117.2
2600
0.383
173.8
3.085
58.6
0.136
39.4
0.400
--121.0
2800
0.386
167.1
2.868
54.7
0.141
39.1
0.396
--124.5
3000
0.388
160.7
2.688
51.1
0.148
38.9
0.396
--127.6
3200
0.395
154.9
2.527
47.5
0.154
38.7
0.398
--130.9
3400
0.402
149.4
2.387
43.9
0.160
38.0
0.400
--133.9
3600
0.410
144.1
2.262
40.5
0.166
37.7
0.404
--137.0
3800
0.418
139.4
2.148
37.1
0.173
37.2
0.408
--139.9
4000
0.427
134.8
2.042
33.8
0.180
36.6
0.414
--142.8
4200
0.436
130.4
1.947
30.6
0.186
35.8
0.419
--145.6
4400
0.445
126.3
1.861
27.4
0.193
35.1
0.426
--148.2
4600
0.454
122.4
1.780
24.3
0.200
34.1
0.432
--150.8
4800
0.463
118.6
1.707
21.3
0.207
33.1
0.439
--153.3
5000
0.472
114.9
1.638
18.3
0.214
32.3
0.447
--155.9
5200
0.481
111.4
1.573
15.4
0.221
31.2
0.453
--158.5
5400
0.490
108.0
1.514
12.6
0.228
30.2
0.461
--160.9
5600
0.498
104.8
1.458
9.8
0.236
29.1
0.468
--163.2
5800
0.504
101.5
1.406
7.2
0.243
28.0
0.475
--165.4
6000
0.511
98.4
1.359
4.5
0.251
26.9
0.482
--167.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com