Electronic Components Datasheet Search
  English  ▼

X  

2SC6023 Datasheet(PDF) 14 Page - Sanyo Semicon Device

Part # 2SC6023
Description  UHF to C Band Low-Noise Amplifier and OSC Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6023 Datasheet(HTML) 14 Page - Sanyo Semicon Device

Back Button 2SC6023 Datasheet HTML 7Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 8Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 9Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 10Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 11Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 12Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 13Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 14Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 15Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
2SC6023
No.8143-14/15
S Parameters (Common emitter)
VCE=3V, IC=25mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.603
--40.6
28.896
145.7
0.016
73.4
0.857
--27.7
400
0.492
--78.8
22.927
120.0
0.028
73.4
0.701
--49.1
600
0.417
--106.4
17.051
104.2
0.038
69.7
0.570
--63.6
800
0.375
--126.8
13.094
94.5
0.048
68.5
0.479
--73.6
1000
0.351
--142.6
10.532
87.5
0.057
68.3
0.419
--81.1
1200
0.339
--155.6
8.780
82.0
0.066
67.6
0.379
--87.2
1400
0.333
--166.2
7.520
77.4
0.075
66.2
0.352
--92.5
1600
0.333
--175.5
6.568
73.2
0.084
65.3
0.334
--97.3
1800
0.335
176.3
5.831
69.3
0.093
64.4
0.322
--101.7
2000
0.339
168.9
5.241
65.6
0.101
63.3
0.315
--105.7
2200
0.344
162.3
4.756
62.2
0.110
62.1
0.311
--109.7
2400
0.351
156.2
4.355
58.7
0.119
60.7
0.309
--113.4
2600
0.355
150.6
4.012
55.6
0.128
59.5
0.308
--116.7
2800
0.363
145.6
3.723
52.4
0.136
58.5
0.310
--119.8
3000
0.371
141.1
3.474
49.4
0.145
57.1
0.315
--122.7
3200
0.379
136.5
3.261
46.4
0.154
55.8
0.320
--125.8
3400
0.388
132.5
3.073
43.4
0.164
54.2
0.327
--128.8
3600
0.397
128.6
2.903
40.4
0.172
52.7
0.334
--131.7
3800
0.407
124.9
2.755
37.5
0.180
51.2
0.341
--134.7
4000
0.417
121.3
2.618
34.5
0.189
49.5
0.349
--137.7
4200
0.426
117.8
2.494
31.7
0.198
48.0
0.357
--140.3
4400
0.434
114.4
2.379
28.8
0.207
46.4
0.365
--143.0
4600
0.443
111.2
2.276
26.0
0.215
44.7
0.373
--145.6
4800
0.451
108.0
2.180
23.3
0.223
43.1
0.382
--148.2
5000
0.459
105.1
2.091
20.6
0.231
41.4
0.391
--150.7
5200
0.467
102.0
2.008
17.9
0.239
39.9
0.399
--153.2
5400
0.475
99.1
1.932
15.3
0.247
38.2
0.407
--155.7
5600
0.481
96.4
1.862
12.7
0.255
36.6
0.415
--157.9
5800
0.487
93.5
1.797
10.2
0.263
35.0
0.422
--160.0
6000
0.493
90.9
1.736
7.7
0.270
33.3
0.430
--162.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com