Electronic Components Datasheet Search
  English  ▼

X  

27RK Datasheet(PDF) 1 Page - Sharp Corporation

Part # 27RK
Description  Anti Electromagnetic Induction Noise Type Compact IR Detecting Unit for Remote Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

27RK Datasheet(HTML) 1 Page - Sharp Corporation

  27RK Datasheet HTML 1Page - Sharp Corporation 27RK Datasheet HTML 2Page - Sharp Corporation 27RK Datasheet HTML 3Page - Sharp Corporation 27RK Datasheet HTML 4Page - Sharp Corporation 27RK Datasheet HTML 5Page - Sharp Corporation 27RK Datasheet HTML 6Page - Sharp Corporation 27RK Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GP1UM26RK/GP1UM27RK Series
GP1UM28RK/GP1UM28QK Series
GP1UM26RK/27RK/28RK/28QK Series
s Outline Dimensions
GP1UM26RK Series
GP1UM27RK Series
5.6
2.2
8.6
±0.5
*13.6±0.5
*32.9
*35.8
*32.9
5
3.6
1.4
1.4
2.54
2.54
Example of mounting drawing
from solder side (Reference)
VOUT
VCC
GND
1
2
3
*12.54
*12.54
0.5
0.7
0.7
3−φ
0.8
Center
of PD
12
3
1
2
3
1.*1 : Indicates root dimensions of connector.
2.Unspecified tolerance :
±0.3
3.Case thickness : 0.3TYP
4.*2 : Exclude sagged solder
5.*3 : If there are difficulties to insert the GP1UM26RK series on PCB,
we recommend to expand
+0.1mm from original 2.9mm.
5.6
2.2
1.25
1.25
13.8
±0.5
*23.6±0.5
*32.9
*35.8
*32.9
10.2
3.6
1.4
1.4
2.54
2.54
Example of mounting drawing
from solder side (Reference)
VOUT
VCC
GND
1
2
3
*12.54
*12.54
0.5
0.8
0.8
3−φ
0.8
Center
of PD
12
3
32
1
1.*1 : Indicates root dimensions of connector.
2.Unspecified tolerance :
±0.3
3.Case thickness : 0.3TYP
4.*2 : Exclude sagged solder
5.*3 : If there are difficulties to insert the GP1UM27RK series on PCB,
we recommend to expand
+0.1mm from original 2.9mm.
Anti Electromagnetic Induction
Noise Type Compact IR Detecting
Unit for Remote Control
1. AV equipments
2. Home appliances
s Features
s Applications
1. Anti electromagnetic induction noise type.
2. Compact (case volume).
3. Various B.P.F. (Band Pass Frequency) frequency to meet different
user needs.
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://sharp-world.com/ecg/
(Unit : mm)


Similar Part No. - 27RK

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
27R MSYSTEM-27R Datasheet
160Kb / 4P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27R-0 MSYSTEM-27R-0 Datasheet
160Kb / 4P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27R-0/M MSYSTEM-27R-0/M Datasheet
160Kb / 4P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27R-1 MSYSTEM-27R-1 Datasheet
160Kb / 4P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27R-1/M MSYSTEM-27R-1/M Datasheet
160Kb / 4P
Head-mounted Two-wire Signal Conditioners 27-UNIT
More results

Similar Description - 27RK

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1U26R SHARP-GP1U26R Datasheet
87Kb / 5P
Anti Electromagnetic Induction Noise Type Compact IR Detecting Unit for Remote Control
GP1U26X SHARP-GP1U26X Datasheet
85Kb / 5P
Compact IR Detecting Unit for Remote Control
GP1U57X SHARP-GP1U57X Datasheet
36Kb / 4P
IR Detecting Unit For Remote Control
GP1U58X SHARP-GP1U58X Datasheet
36Kb / 4P
IR Detecting Unit For Remote Control
GP1U58Y SHARP-GP1U58Y Datasheet
37Kb / 4P
IR Detecting Unit For Remote Control
GP1U77R SHARP-GP1U77R Datasheet
37Kb / 4P
IR Detecting Unit For Remote Control
GP1U90X SHARP-GP1U90X Datasheet
37Kb / 4P
IR Detecting Unit for Remote Control
GP1S525VJ00F SHARP-GP1S525VJ00F Datasheet
90Kb / 7P
Anti Electromagnetic Induction Noise Type Compact IR Detecting Unit for Remote Control
GP1UM271XK SHARP-GP1UM271XK Datasheet
86Kb / 7P
Compact IR Detecting Unit for Remote Control
GP1UM261XKVF SHARP-GP1UM261XKVF Datasheet
615Kb / 6P
Compact IR Detecting Unit for Remote Control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com