Electronic Components Datasheet Search
  English  ▼

X  

27RK Datasheet(PDF) 2 Page - Sharp Corporation

Part # 27RK
Description  Anti Electromagnetic Induction Noise Type Compact IR Detecting Unit for Remote Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

27RK Datasheet(HTML) 2 Page - Sharp Corporation

  27RK Datasheet HTML 1Page - Sharp Corporation 27RK Datasheet HTML 2Page - Sharp Corporation 27RK Datasheet HTML 3Page - Sharp Corporation 27RK Datasheet HTML 4Page - Sharp Corporation 27RK Datasheet HTML 5Page - Sharp Corporation 27RK Datasheet HTML 6Page - Sharp Corporation 27RK Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GP1UM26RK/27RK/28RK/28QK Series
GP1UM26RK
GP1UM260RK
GP1UM261RK
GP1UM262RK
GP1UM267RK
GP1UM27RK
GP1UM270RK
GP1UM271RK
GP1UM272RK
GP1UM277RK
GP1UM28RK
GP1UM280RK
GP1UM281RK
GP1UM282RK
GP1UM287RK
GP1UM28QK
GP1UM280QK
GP1UM281QK
GP1UM282QK
GP1UM287QK
Model No.
40
36
38
36.7
B.P.F. center frequency
56.8
Unit
kHz
s Model Line-up
Diversified models with a different B.P.F. frequency are also available.
s Outline Dimensions
GP1UM28RK Series
GP1UM28QK Series
5.6
2.2
1.25
1.25
17.8
±0.5
*23.6±0.5
*32.9
*35.8
*32.9
14.2
3.6
1.4
1.4
2.54
2.54
Example of mounting drawing
from solder side (Reference)
VOUT
VCC
GND
1
2
3
*12.54
*12.54
0.5
0.8
0.8
3−φ
0.8
Center
of PD
1.*1 : Indicates root dimensions of connector.
2.Unspecified tolerance :
±0.3
3.Case thickness : 0.3TYP
4.*2 : Exclude sagged solder
5.*3 : If there are difficulties to insert the GP1UM28RK series on PCB,
we recommend to expand
+0.1mm from original 2.9mm.
12
3
1
2
3
2.54
Top of lenz
2.54
1.4
1.4
3
−φ0.8
Example of mounting drawing
from solder side (Reference)
0.4
*11.7
*32.9
*35.8
*32.9
3.7
1.4
1.4
5.4
6.8
2.2
2.75
5.6
VOUT
VCC
GND
1
2
3
*12.54
*12.54
0.5
0.8
0.8
1.25
1.25
12
3
12
3
1.*1 : Indicates root dimensions of connector.
2.Unspecified tolerance :
±0.3
3.Case thickness : 0.3TYP
4.*2 : Exclude sagged solder
5.*3 : If there are difficulties to insert the GP1UM28QK series on PCB,
we recommend to expand
+0.1mm from original 2.9mm.
(Unit : mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com