Electronic Components Datasheet Search
  English  ▼

X  

27RK Datasheet(PDF) 4 Page - Sharp Corporation

Part # 27RK
Description  Anti Electromagnetic Induction Noise Type Compact IR Detecting Unit for Remote Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

27RK Datasheet(HTML) 4 Page - Sharp Corporation

  27RK Datasheet HTML 1Page - Sharp Corporation 27RK Datasheet HTML 2Page - Sharp Corporation 27RK Datasheet HTML 3Page - Sharp Corporation 27RK Datasheet HTML 4Page - Sharp Corporation 27RK Datasheet HTML 5Page - Sharp Corporation 27RK Datasheet HTML 6Page - Sharp Corporation 27RK Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GP1UM26RK/27RK/28RK/28QK Series
Fig.2 Standard Optical System
φ
φ
Transmitter
Reception distance:L
Light detector face illuminance:EV
(
φ indicates horizontal and vertical directions.)
VOUT
Fig.1 Transmitter
20cm
10k
Ω
+5V
VOUT
Oscilloscope
Transmitter (GL521 used)
f0
=(*4)
Duty 50%
In the above figure, the transmitter should be set so that the output VOUT (P-P) can be 40mV.
However, the PD49PI to be used here should be of the short-circuit current ISC=2.6
µ A at E
V =100 lx.
(EV is an illuminance by CIE standard light source A (tungsten lamp).)
s Performance
Using the transmitter shown in Fig. 1, the output signal of the light detecting unit is good enough to meet the following items in the
standard optical system in Fig. 2.
1. Linear reception distance characteristics
When L=0.2 to 8.5(7.0)
*7m, *5EV
<10 lx and φ=0˚ in Fig.2, the output signal shall meet the electrical characteristics in the attached
list.
2. Sensitivity angle reception distance characteristics
When L=0.2 to 6.0(4.5)
*7m, *5EV
<10 lx and φ≤30˚ in Fig.2, the output signal shall meet the electrical characteristics in the attached
list.
3. Anti outer peripheral light reception distance characteristics
When L=0.2 to 4.0(3.0)
*7m, *6EV
≤ 300 lx and φ=0˚ in Fig.2, the output signal shall meet the electrical characteristics in the attached
list.
*5 It refers to detector face illuminance
*6 Outer peripheral light source: CIE standard light source A shall be used and placed at 45˚ from perpendicular axis at the detector face center
*7 In case of B.P.F. center frequency: 56.8kHz model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com