Electronic Components Datasheet Search
  English  ▼

X  

W149 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # W149
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W149 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button W149 Datasheet HTML 4Page - Cypress Semiconductor W149 Datasheet HTML 5Page - Cypress Semiconductor W149 Datasheet HTML 6Page - Cypress Semiconductor W149 Datasheet HTML 7Page - Cypress Semiconductor W149 Datasheet HTML 8Page - Cypress Semiconductor W149 Datasheet HTML 9Page - Cypress Semiconductor W149 Datasheet HTML 10Page - Cypress Semiconductor W149 Datasheet HTML 11Page - Cypress Semiconductor W149 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
W149
8
Table 6. Additional Frequency Selections through Serial Data Interface Data Bytes[3]
Input Conditions
Output Frequency
Spread %
Data Byte 0, Bit 3 = 1
CPU0:1,
SDRAM0:12 (MHz)
PCI_F, 1:5
(MHz)
Bit 6
SEL_2
Bit 5
SEL_1
Bit 4
SEL_0
1
1
1
100. 2
33.4
–0.5
1
1
0
(Reserved)
(Reserved)
(Reserved)
1
0
1
100
33.3
±0.5
1
0
0
103
34.3
–0.5
0
1
1
66.8
33.4
–0.5
0
1
0
83.3
41.65
–0.5
0
0
1
66.8
33.4
±0.5
0
0
0
124
41.3
–0.5
Table 7. Select Function for Data Byte 0, Bits 0:1
Function
Input Conditions
Output Conditions
Data Byte 0
CPU0:1
PCI_F,
PCI1:5
REF0:1,
IOAPIC
48MHZ
24MHZ
Bit 1
Bit 0
Normal Operation
X
0
Note 1
Note 1
14.318 MHz
48 MHz
24 MHz
Three-state
1
1
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Note:
3.
CPU and PCI frequency selections are listed in Table 2 and Table 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com