Electronic Components Datasheet Search
  English  ▼

X  

W149 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # W149
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W149 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button W149 Datasheet HTML 6Page - Cypress Semiconductor W149 Datasheet HTML 7Page - Cypress Semiconductor W149 Datasheet HTML 8Page - Cypress Semiconductor W149 Datasheet HTML 9Page - Cypress Semiconductor W149 Datasheet HTML 10Page - Cypress Semiconductor W149 Datasheet HTML 11Page - Cypress Semiconductor W149 Datasheet HTML 12Page - Cypress Semiconductor W149 Datasheet HTML 13Page - Cypress Semiconductor W149 Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
W149
10
AC Electrical Characteristics
TA = 0°C to +70°C; VDDQ3 = 3.3V±5%; VDDQ2 = 2.5V±5%; fXTL = 14.31818 MHz
AC clock parameters are tested and guaranteed over stated operating conditions using the stated lump capacitive load at the
clock output; Spread Spectrum clocking is disabled.
Crystal Oscillator
VTH
X1 Input threshold Voltage[6]
VDDQ3 = 3.3V
1.65
V
CLOAD
Load Capacitance, Imposed on
External Crystal[7]
14
pF
CIN,X1
X1 Input Capacitance[8]
Pin X2 unconnected
28
pF
Pin Capacitance/Inductance
CIN
Input Pin Capacitance
Except X1 and X2
5
pF
COUT
Output Pin Capacitance
6pF
LIN
Input Pin Inductance
7nH
Notes:
6.
X1 input threshold voltage (typical) is VDDQ3/2.
7.
The W149 contains an internal crystal load capacitor between pin X1 and ground and another between pin X2 and ground. Total load placed on crystal is
14 pF; this includes typical stray capacitance of short PCB traces to crystal.
8.
X1 input capacitance is applicable when driving X1 with an external clock source (X2 is left unconnected).
DC Electrical Characteristics: (continued) TA = 0°C to +70°C; VDDQ3 = 3.3V±5%; VDDQ2 = 2.5V±5%
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
CPU Clock Outputs, CPU_F, CPU1 (Lump Capacitance Test Load = 20 pF)
Parameter
Description
Test Condition/Comments
CPU = 66.6 MHz
CPU = 100 MHz
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
tP
Period
Measured on rising edge at 1.25V
15
15.5
10
10.5
ns
tH
High Time
Duration of clock cycle above 2.4V, at
min. edge rate (1.5 V/ns)
5.6
3.3
ns
tL
Low Time
Duration of clock cycle below 0.4V, at
min. edge rate (1.5 V/ns)
5.3
3.1
ns
tR
Output Rise Edge Rate
Measured from 0.4V to 2.4V
1.5
4
1.5
4
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
1.5
4
1.5
4
V/ns
tD
Duty Cycle
Measured on rising and falling edge at
1.5V, at min. edge rate (1.5 V/ns)
45
55
45
55
%
tJC
Jitter, Cycle-to-Cycle
Measured on rising edge at 1.25V. Max-
imum difference of cycle time between
two adjacent cycles.
200
200
ps
tSK
Output Skew
Measured on rising edge at 1.5V
250
250
ps
fST
Frequency Stabiliza-
tion from Power-up
(cold start)
Assumes full supply voltage reached
within 1 ms from power-up. Short cycles
exist prior to frequency stabilization.
33
ms
Zo
AC Output Impedance
Average value during switching transi-
tion. Used for determining series termi-
nation value.
20
20
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com