Electronic Components Datasheet Search
  English  ▼

X  

W149 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W149
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W149 Datasheet(HTML) 1 Page - Cypress Semiconductor

  W149 Datasheet HTML 1Page - Cypress Semiconductor W149 Datasheet HTML 2Page - Cypress Semiconductor W149 Datasheet HTML 3Page - Cypress Semiconductor W149 Datasheet HTML 4Page - Cypress Semiconductor W149 Datasheet HTML 5Page - Cypress Semiconductor W149 Datasheet HTML 6Page - Cypress Semiconductor W149 Datasheet HTML 7Page - Cypress Semiconductor W149 Datasheet HTML 8Page - Cypress Semiconductor W149 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
440BX AGPset Spread Spectrum Frequency Synthesizer
W149
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
July 31, 2000 rev. *A
Features
• Maximized EMI suppression using Cypress’s Spread
Spectrum Technology
• Single chip system frequency synthesizer for Intel®
440BX AGPset
• Two copies of CPU output
• Six copies of PCI output
• One 48-MHz output for USB
• One 24-MHz output for SIO
• Two buffered reference outputs
• One IOAPIC output
• Thirteen SDRAM outputs provide support for 3 DIMMs
• Spread Spectrum feature always enabled
•I2C™ interface for programming
• Power management control inputs
• Smooth CPU frequency switching from 66.8–124 MHz
Key Specifications
CPU Cycle-to-Cycle Jitter: ......................................... 250 ps
CPU to CPU Output Skew: ........................................ 175 ps
PCI to PCI Output Skew: ............................................ 500 ps
VDDQ3: ..................................................................... 3.3V±5%
VDDQ2: ..................................................................... 2.5V±5%
SDRAMIN to SDRAM0:12 Delay:.......................... 3.7 ns typ.
Table 1. Mode Input Table[1]
Mode
Pin 2
0
PCI_STOP#
1
REF0
Table 2. Pin Selectable Frequency
Input Address
CPU0:1
(MHz)
PCI_F, 1:5
(MHz)
Spread
%
FS2
FS1
FS0
1
1
1
100
33.3 (CPU/3)
–0.5
1
1
0
(Reserved)
1
0
1
100
33.3 (CPU/3)
±0.5
1
0
0
103
34.3 (CPU/3)
–0.5
0
1
1
66.8
33.4 (CPU/2)
–0.5
0
1
0
83.3
41.7 (CPU/2)
–0.5
0
0
1
66.8
33.4 (CPU/2)
±0.5
0
0
0
124
41.3 (CPU/3)
–0.5
Intel is a registered trademark of Intel Corporation. I2C is a trademark of Philips Corporation.
Notes:
1.
Mode input latched at power-up.
2.
Internal pull up resistors(*) should not be relied upon for setting I/O pins HIGH. Pin function with parentheses determined by MODE pin resistor strapping.
Logic Block Diagram
Pin Configuration
[2]
VDDQ3
REF0/(PCI_STOP#)
VDDQ2
CPU0
PCI_F/MODE
XTAL
PLL Ref Freq
PLL 1
X2
X1
REF1/FS2
VDDQ3
Stop
Clock
Control
PCI2
PCI3
PCI4
48MHz/FS0
24MHz/FS1
PLL2
÷2/÷3
OSC
VDDQ2
VDDQ3
IOAPIC
PCI5
I2C
SDATA
Logic
SCLK
I/O Pin
Control
SDRAM0:12
SDRAMIN
13
VDDQ3
PCI1
CPU1
÷2
VDDQ3
REF0/(PCI_STOP#)
GND
X1
X2
VDDQ3
PCI_F/MODE
PCI1
GND
PCI2
PCI3
PCI4
PCI5
VDDQ3
SDRAMIN
GND
SDRAM11
SDRAM10
VDDQ3
SDRAM9
SDRAM8
GND
SDATA
SCLK
VDDQ2
IOAPIC
REF1/FS2*
GND
CPU0
CPU1
VDDQ2
OE
SDRAM12
GND
SDRAM0
SDRAM1
VDDQ3
SDRAM2
SDRAM3
GND
SDRAM4
SDRAM5
VDDQ3
SDRAM6
SDRAM7
VDDQ3
48MHz/FS0*
24MHz/FS1*
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
I2C
{


Similar Part No. - W149

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W149 SPECTRALINEAR-W149 Datasheet
202Kb / 15P
440BX AGPset Spread Spectrum Frequency Synthesizer
logo
Cypress Semiconductor
W149 CYPRESS-W149 Datasheet
158Kb / 16P
440BX AGPset Spread Spectrum Frequency Synthesizer
W149 CYPRESS-W149_02 Datasheet
158Kb / 16P
440BX AGPset Spread Spectrum Frequency Synthesizer
More results

Similar Description - W149

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W144 CYPRESS-W144 Datasheet
155Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
November 2, 1999
W150 CYPRESS-W150 Datasheet
155Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
February 10, 2000, rev. A
logo
SpectraLinear Inc
W144 SPECTRALINEAR-W144 Datasheet
201Kb / 13P
440BX AGPset Spread Spectrum Frequency Synthesizer
W149 SPECTRALINEAR-W149 Datasheet
202Kb / 15P
440BX AGPset Spread Spectrum Frequency Synthesizer
W150 SPECTRALINEAR-W150 Datasheet
231Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
logo
Cypress Semiconductor
W144 CYPRESS-W144_04 Datasheet
159Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
W149 CYPRESS-W149_02 Datasheet
158Kb / 16P
440BX AGPset Spread Spectrum Frequency Synthesizer
W150 CYPRESS-W150_03 Datasheet
175Kb / 15P
440BX AGPset Spread Spectrum Frequency Synthesizer
W158 CYPRESS-W158_02 Datasheet
175Kb / 13P
Spread Spectrum System Frequency Synthesizer
logo
Silicon Laboratories
CYW150 SILABS-CYW150 Datasheet
1Mb / 15P
440BX AGPset Spread Spectrum Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com