Electronic Components Datasheet Search
  English  ▼

X  

W163 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W163
Description  Spread Aware?? Zero Delay Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W163 Datasheet(HTML) 1 Page - Cypress Semiconductor

  W163 Datasheet HTML 1Page - Cypress Semiconductor W163 Datasheet HTML 2Page - Cypress Semiconductor W163 Datasheet HTML 3Page - Cypress Semiconductor W163 Datasheet HTML 4Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Spread Aware™, Zero Delay Buffer
W163
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
February 21, 2000, rev. *A
Features
• Spread Aware™—designed to work with SSFTG
reference signals
• Outputs may be three-stated
• Available in 8-pin SOIC package
• Extra strength output drive available (-15 version)
• Internal feedback maximized the number of outputs
available in 8-pin package
Key Specifications
Operating Voltage: ................................................ 3.3V±10%
Operating Range: ................................ 10 < fOUT < 133 MHz
Cycle-to-Cycle Jitter: .................................................. 200 ps
Output-to-Output Skew: .............................................. 250 ps
Device-to-Device Skew:............................................... 700 ps
Propagation Delay: ...................................................... 350 ps
Spread Aware is a trademark of Cypress Semiconductor Corporation.
Block Diagram
Pin Configuration
Q0
PLL
REF
Q1
Q2
Q3
QFB
QFB
VDD
8
7
6
5
REF
Q0
Q1
GND
1
2
3
4
Q3
Q2
SOIC


Similar Part No. - W163

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W163 CYPRESS-W163 Datasheet
95Kb / 5P
Spread Aware?? Zero Delay Buffer
W163 CYPRESS-W163_02 Datasheet
95Kb / 5P
Spread Aware?? Zero Delay Buffer
More results

Similar Description - W163

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W152 CYPRESS-W152 Datasheet
145Kb / 7P
Spread Aware?? Eight Output Zero Delay Buffer
June 14, 2000, rev. B
CY23S02 CYPRESS-CY23S02 Datasheet
103Kb / 7P
Spread Aware, Frequency Multiplier and Zero Delay Buffer
W162 CYPRESS-W162 Datasheet
147Kb / 7P
Spread Aware?? Zero Delay Buffer
CY23S09 CYPRESS-CY23S09 Datasheet
184Kb / 9P
Low-Cost 3.3V Spread Aware??Zero Delay Buffer
CY23S02 CYPRESS-CY23S02_05 Datasheet
168Kb / 7P
Spread Aware?? Frequency Multiplier and Zero Delay Buffer
CY2509 CYPRESS-CY2509_05 Datasheet
153Kb / 6P
Spread Aware?? Ten/Eleven Output Zero Delay Buffer
W152 CYPRESS-W152_02 Datasheet
150Kb / 8P
Spread Aware?? Eight Output Zero Delay Buffer
W163 CYPRESS-W163_02 Datasheet
95Kb / 5P
Spread Aware?? Zero Delay Buffer
CY23S09 CYPRESS-CY23S09_09 Datasheet
313Kb / 9P
Low Cost 3.3V Spread Aware Zero Delay Buffer
CY2509 CYPRESS-CY2509_09 Datasheet
157Kb / 6P
Spread Aware Ten/Eleven Output Zero Delay Buffer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com