Electronic Components Datasheet Search
  English  ▼

X  

W163 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W163
Description  Spread Aware?? Zero Delay Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W163 Datasheet(HTML) 2 Page - Cypress Semiconductor

  W163 Datasheet HTML 1Page - Cypress Semiconductor W163 Datasheet HTML 2Page - Cypress Semiconductor W163 Datasheet HTML 3Page - Cypress Semiconductor W163 Datasheet HTML 4Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
W163
2
Overview
The W163 products are five-output zero delay buffers. A
Phase-Locked Loop (PLL) is used to take a time-varying signal
and provide five copies of that same signal out. The internal
feedback to the PLL provides outputs in phase with the refer-
ence inputs.
Spread Aware
Many systems being designed now utilize a technology called
Spread Spectrum Frequency Timing Generation. Cypress has
been one of the pioneers of SSFTG development, and we de-
signed this product so as not to filter off the Spread Spectrum
feature of the Reference input, assuming it exists. When a zero
delay buffer is not designed to pass the SS feature through,
the result is a significant amount of tracking skew which may
cause problems in systems requiring synchronization.
For more details on Spread Spectrum timing technology,
please see the Cypress Application note titled, “EMI Suppres-
sion Techniques with Spread Spectrum Frequency Timing
Generator (SSFTG) ICs.”
Schematic
Pin Definitions
Pin Name
Pin No.
Pin
Type
Pin Description
REF
1
I
Reference Input: The output signals Q0:3 will be synchronized to this signal
unless the device is programmed to bypass the PLL.
Q0:3
2, 3, 5, 7
O
Outputs: These signals will be synchronous and of equal frequency to the signal
input at pin 1.
QFB
8
O
Feedback Output: This output signal does not vary from signals Q0:3 in function,
but is noted as the signal used to establish the propagation delay of nearly 0.
VDD
6
P
Power Connections: Connect to 3.3V. Use ferrite beads to help reduce noise
for optimal jitter performance.
GND
4
P
Ground Connections: Connect all grounds to the common system ground
plane.
Q0
Q1
GND
QFB
Q3
VDD
Q2
VDD
Ferrite
Bead
10
µF
0.1
µF
REF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com