Electronic Components Datasheet Search
  English  ▼

X  

W182 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # W182
Description  Full Feature Peak Reducing EMI Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W182 Datasheet(HTML) 6 Page - Cypress Semiconductor

  W182 Datasheet HTML 1Page - Cypress Semiconductor W182 Datasheet HTML 2Page - Cypress Semiconductor W182 Datasheet HTML 3Page - Cypress Semiconductor W182 Datasheet HTML 4Page - Cypress Semiconductor W182 Datasheet HTML 5Page - Cypress Semiconductor W182 Datasheet HTML 6Page - Cypress Semiconductor W182 Datasheet HTML 7Page - Cypress Semiconductor W182 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
W182
6
DC Electrical Characteristics: 0°C < TA < 70°C, VDD = 5V ±10%
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
IDD
Supply Current
30
50
mA
tON
Power Up Time
First locked clock cycle after
Power Good
5ms
VIL
Input Low Voltage
0.15VDD
V
VIH
Input High Voltage
0.7VDD
V
VOL
Output Low Voltage
0.4
V
VOH
Output High Voltage
2.4
V
IIL
Input Low Current
Note 2
–50
µA
IIH
Input High Current
Note 2
50
µA
IOL
Output Low Current
@ 0.4V, VDD = 5V
24
mA
IOH
Output High Current
@ 2.4V, VDD = 5V
24
mA
CI
Input Capacitance
7pF
RP
Input Pull-Up Resistor
500
k
Ω
ZOUT
Clock Output Impedance
25
Ω
AC Electrical Characteristics: TA = 0°C to +70°C, VDD = 3.3V ±5% or 5V±10%
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
fIN
Input Frequency
Input Clock
8
28
MHz
fOUT
Output Frequency
Spread Off
8
28
MHz
tR
Output Rise Time
15-pF load, 0.8V–2.4V
2
5
ns
tF
Output Fall Time
15-pF load, 2.4 –0.8V
2
5
ns
tOD
Output Duty Cycle
15-pF load
40
60
%
tID
Input Duty Cycle
40
60
%
tJCYC
Jitter, Cycle-to-Cycle
250
300
ps
Harmonic Reduction
fout = 20 MHz, third harmonic
measured, reference board,
15-pF load
8dB
Note:
2.
Inputs FS1:2 have a pull-up resistor; Input SSON# has a pull-down resistor.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com