Electronic Components Datasheet Search
  English  ▼

X  

W182 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W182
Description  Full Feature Peak Reducing EMI Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W182 Datasheet(HTML) 1 Page - Cypress Semiconductor

  W182 Datasheet HTML 1Page - Cypress Semiconductor W182 Datasheet HTML 2Page - Cypress Semiconductor W182 Datasheet HTML 3Page - Cypress Semiconductor W182 Datasheet HTML 4Page - Cypress Semiconductor W182 Datasheet HTML 5Page - Cypress Semiconductor W182 Datasheet HTML 6Page - Cypress Semiconductor W182 Datasheet HTML 7Page - Cypress Semiconductor W182 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Full Feature Peak Reducing EMI Solution
W182
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
June 8, 2000, rev. *A
Features
• Cypress PREMIS™ family offering
• Generates an EMI optimized clocking signal at the
output
• Selectable output frequency range
• Single 1.25% or 3.75% down or center spread output
• Integrated loop filter components
• Operates with a 3.3 or 5V supply
• Low power CMOS design
• Available in 14-pin SOIC (Small Outline Integrated
Circuit)
Key Specifications
Supply Voltages: ........................................... VDD = 3.3V±5%
or VDD = 5V±10%
Frequency Range: .............................. 8 MHz
≤ F
in ≤ 28 MHz
Cycle to Cycle Jitter: ........................................ 300 ps (max.)
Selectable Spread Percentage: ....................1.25% or 3.75%
Output Duty Cycle: ............................... 40/60% (worst case)
Output Rise and Fall Time: .................................. 5 ns (max.)
Table 1. Modulation Width Selection
SS%
W182
Output
W182-5
Output
0Fin ≥ Fout ≥ Fin
– 1.25%
Fin + 0.625% ≥ Fin≥
– 0.625%
1Fin ≥ Fout ≥ Fin
– 3.75%
Fin + 1.875% ≥ Fin≥
–1.875%
Table 2. Frequency Range Selection
FS2
FS1
Frequency Range
00
8 MHz
≤ F
IN ≤ 10 MHz
0
1
10 MHz
≤ F
IN ≤ 15 MHz
10
15 MHz
≤ F
IN ≤ 18 MHz
11
18 MHz
≤ F
IN ≤ 28 MHz
PREMIS is a trademark of Cypress Semiconductor Corporation.
Simplified Block Diagram
Pin Configuration
SOIC
Spread Spectrum
W182
(EMI suppressed)
3.3V or 5.0V
Oscillator or
Spread Spectrum
W182
(EMI suppressed)
3.3V or 5.0V
XTAL
X1
X2
Reference Input
Input
Output
Output
14
13
12
11
1
2
3
4
FS2
CLKIN or X1
NC or X2
GND
REFOUT
OE#
SSON#
Reset
5
6
7
8
9
10
VDD
VDD
CLKOUT
GND
SS%
FS1


Similar Part No. - W182

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
W182R0J BOURNS-W182R0J Datasheet
422Kb / 3P
Wirewound Power Resistor
More results

Similar Description - W182

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
Peak EMI Reducing Solution
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
Peak EMI Reducing Solution
logo
Cypress Semiconductor
W183 CYPRESS-W183 Datasheet
140Kb / 9P
Full Feature Peak Reducing EMI Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
Peak-Reducing EMI Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com