Electronic Components Datasheet Search
  English  ▼

X  

W182 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # W182
Description  Full Feature Peak Reducing EMI Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W182 Datasheet(HTML) 7 Page - Cypress Semiconductor

  W182 Datasheet HTML 1Page - Cypress Semiconductor W182 Datasheet HTML 2Page - Cypress Semiconductor W182 Datasheet HTML 3Page - Cypress Semiconductor W182 Datasheet HTML 4Page - Cypress Semiconductor W182 Datasheet HTML 5Page - Cypress Semiconductor W182 Datasheet HTML 6Page - Cypress Semiconductor W182 Datasheet HTML 7Page - Cypress Semiconductor W182 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
W182
7
Application Information
Recommended Circuit Configuration
For optimum performance in system applications the power
supply decoupling scheme shown in Figure 4 should be used.
VDD decoupling is important to both reduce phase jitter and
EMI radiation. The 0.1-
µF decoupling capacitor should be
placed as close to the VDD pin as possible, otherwise the in-
creased trace inductance will negate its decoupling capability.
The 10-
µF decoupling capacitor shown should be a tantalum
type. For further EMI protection, the VDD connection can be
made via a ferrite bead, as shown.
Recommended Board Layout
Figure 5 shows a recommended a 2-layer board layout.
Document #: 38-00789-A
Figure 4. Recommended Circuit Configuration
GND
14
13
12
11
1
2
3
4
C1
FB
C2
3.3V or 5V System Supply
10 µF Tantalum
0.1 µF
Clock
Output
R1
10
9
8
5
6
7
Xtal Connection or NC
Xtal Connection or Reference Input
C3
0.1µF
Clock Output
High-frequency supply decoupling
capacitor (0.1-µF recommended).
Common supply low frequency
decoupling capacitor (10-µF tantalum
recommended).
FB
Ferrite Bead
C1, C3 =
C2 =
Match value to line impedance
R1 =
=
R1
C1
C2
G
G
FB
= Via To GND Plane
G
NC
G
(3.3V or 5V)
C3
G
Power Supply Input
Xtal Connection or Reference Input
G
Xtal Connectionor
Figure 5. Recommended Board Layout (2-Layer Board)
Ordering Information
Ordering Code
Package
Name
Package Type
W182
W182-5
G
14-Pin Plastic SOIC (150-mil)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com