Electronic Components Datasheet Search
  English  ▼

X  

W194 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # W194
Description  Frequency Multiplier and Zero Delay Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W194 Datasheet(HTML) 5 Page - Cypress Semiconductor

  W194 Datasheet HTML 1Page - Cypress Semiconductor W194 Datasheet HTML 2Page - Cypress Semiconductor W194 Datasheet HTML 3Page - Cypress Semiconductor W194 Datasheet HTML 4Page - Cypress Semiconductor W194 Datasheet HTML 5Page - Cypress Semiconductor W194 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
W194
5
Document #: 38-00794-A
AC Electrical Characteristics: TA = 0°C to +70°C, VDD = 3.3V ±5%
Parameter
Description
Test Condition
Min
Typ
Max
Unit
fIN
Input Frequency[1]
OUT2 = REF
MHz
fOUT
Output Frequency
OUT1 15-pF load[6]
10
133
MHz
tR
Output Rise Time
2.0V to 0.8V, 15-pF load
3.5
ns
tF
Output Fall Time
2.0V to 0.8V, 15-pF load
2.5
ns
tICLKR
Input Clock Rise Time[2]
10
ns
tICLKF
Input Clock Fall Time[2]
10
ns
tPD
FBIN to REF Skew[3, 4]
Measured at VDD/2
–20.6
2
ns
tD
Duty Cycle
15-pF load[5]
40
50
60
%
tLOCK
PLL Lock Time
Power supply stable
1.0
ms
tJC
Jitter, Cycle-to-Cycle
300
ps
AC Electrical Characteristics: TA = 0°C to +70°C, VDD = 5.0V ±10%
Parameter
Description
Test Condition
Min
Typ
Max
Unit
fIN
Input Frequency[1]
OUT2 = REF
MHz
fOUT
Output Frequency
OUT1 15-pF load[6]
10
133
MHz
tR
Output Rise Time
2.0V to 0.8V, 15-pF load
2.5
ns
tF
Output Fall Time
2.0V to 0.8V, 15-pF load
1.5
ns
tICLKR
Input Clock Rise Time[2]
10
ns
tICLKF
Input Clock Fall Time[2]
10
ns
tPD
FBIN to REF Skew[3, 4]
Measured at VDD/2
–20.6
2
ns
tD
Duty Cycle
15-pF load[5, 7]
40
50
60
%
tLOCK
PLL Lock Time
Power supply stable
1.0
ms
tJC
Jitter, Cycle-to-Cycle
200
ps
Notes:
1.
Input frequency is limited by output frequency range and input to output frequency multiplication factor (which is determined by circuit configuration).
2.
Longer input rise and fall time will degrade skew and jitter performance.
3.
All AC specifications are measured with a 50
Ω transmission line, load terminated with 50Ω to 1.4V.
4.
Skew is measured at 1.4V on rising edges.
5.
Duty cycle is measured at 1.4V.
6.
For the higher drive -11, the load is 20 pF.
7.
Duty Cycle measured at 120 MHz. For 133 MHz, degrades to 35/65 worst case.
Ordering Information
Ordering Code
Option
Package
Name
Package Type
W194
-70
G
8-pin SOIC (150-mil)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com