Electronic Components Datasheet Search
  English  ▼

X  

W194 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W194
Description  Frequency Multiplier and Zero Delay Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W194 Datasheet(HTML) 1 Page - Cypress Semiconductor

  W194 Datasheet HTML 1Page - Cypress Semiconductor W194 Datasheet HTML 2Page - Cypress Semiconductor W194 Datasheet HTML 3Page - Cypress Semiconductor W194 Datasheet HTML 4Page - Cypress Semiconductor W194 Datasheet HTML 5Page - Cypress Semiconductor W194 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Frequency Multiplier and Zero Delay Buffer
W194
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
January 5, 2000, rev. *A
Features
• Two outputs
• Configuration options allow various multiplications of
the reference frequency—refer to Table 1 to determine
the specific option which meets your multiplication
needs
• Available in 8-pin SOIC package
Key Specifications
Operating Voltage: .............................. 3.3V±5% or 5.0±10%
Operating Range: .......................10 MHz < fOUT1 < 133 MHz
Absolute Jitter: ......................................................... ±500 ps
Output to Output Skew: .............................................. 250 ps
Propagation Delay: ................................................... ±350 ps
Propagation delay is affected by input rise time.
Table 1. Configuration Options
FBIN
FS0
FS1
OUT1
OUT2
OUT1
0
0
2 X REF
REF
OUT1
1
0
4 X REF
2 X REF
OUT1
0
1
REF
REF/2
OUT1
1
1
8 X REF
4 X REF
OUT2
0
0
4 X REF
2 X REF
OUT2
1
0
8 X REF
4 X REF
OUT2
0
1
2 X REF
REF
OUT2
1
1
16 X REF
8 X REF
Block Diagram
Pin Configuration
÷Q
FS0
FS1
Reference
FBIN
Phase
Detector
Charge
Pump
Loop
Filter
VCO
÷2
Output
Buffer
OUT1
OUT2
Output
Buffer
External feedback connection to
OUT1 or OUT2, not both
Input
IN
OUT2
VDD
OUT1
FS1
8
7
6
5
FBIN
IN
GND
FS0
1
2
3
4
SOIC


Similar Part No. - W194

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
W19 PROSIGNAL-W19 Datasheet
87Kb / 1P
Piezo Siren Electronic Sounder
28/05/12 V1.1
logo
Pulse A Technitrol Comp...
W1900 PULSE-W1900 Datasheet
680Kb / 4P
Penta Band Right Angle Stubby Antenna
W1900 PULSE-W1900 Datasheet
680Kb / 4P
Penta Band Right Angle Stubby Antenna
logo
YAGEO Corporation
W1900 YAGEO-W1900 Datasheet
839Kb / 8P
Stubby Antenna
logo
Pulse A Technitrol Comp...
W1902 PULSE-W1902 Datasheet
680Kb / 4P
Penta Band Right Angle Stubby Antenna
More results

Similar Description - W194

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS570A ICST-ICS570A Datasheet
85Kb / 6P
Multiplier and Zero Delay Buffer
Revision 102700
ICS570B ICST-ICS570B Datasheet
96Kb / 6P
Multiplier and Zero Delay Buffer
Revision 053001
logo
Cypress Semiconductor
CY2302 CYPRESS-CY2302 Datasheet
103Kb / 7P
Frequency Multiplier and Zero Delay Buffer
logo
List of Unclassifed Man...
MK2302S-01 ETC-MK2302S-01 Datasheet
161Kb / 6P
Multiplier and Zero Delay Buffer
logo
Integrated Circuit Syst...
ICS2402 ICST-ICS2402 Datasheet
136Kb / 7P
Multiplier and Zero Delay Buffer
Revision 122104
ICS570 ICST-ICS570 Datasheet
199Kb / 9P
Multiplier and Zero Delay Buffer
Revision 030905
logo
Integrated Device Techn...
ICS570-01 IDT-ICS570-01 Datasheet
164Kb / 7P
MULTIPLIER AND ZERO DELAY BUFFER
logo
Cypress Semiconductor
CY2302 CYPRESS-CY2302_05 Datasheet
84Kb / 7P
Frequency Multiplier and Zero Delay Buffer
W170-01G CYPRESS-W170-01G Datasheet
108Kb / 6P
Spread Aware, Frequency Multiplier and Zero Delay Buffer
logo
Renesas Technology Corp
MK2302-01 RENESAS-MK2302-01 Datasheet
331Kb / 8P
MULTIPLIER AND ZERO DELAY BUFFER
051310
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com