Electronic Components Datasheet Search
  English  ▼

X  

W194 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W194
Description  Frequency Multiplier and Zero Delay Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W194 Datasheet(HTML) 2 Page - Cypress Semiconductor

  W194 Datasheet HTML 1Page - Cypress Semiconductor W194 Datasheet HTML 2Page - Cypress Semiconductor W194 Datasheet HTML 3Page - Cypress Semiconductor W194 Datasheet HTML 4Page - Cypress Semiconductor W194 Datasheet HTML 5Page - Cypress Semiconductor W194 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
W194
2
Overview
The W194-70 is a two-output zero delay buffer and frequency
multiplier. It provides an external feedback path allowing max-
imum flexibility when implementing the Zero Delay feature.
This is explained further in the sections of this data sheet titled
“How to Implement Zero Delay,” and “Inserting Other Devices
in Feedback Path.”
The W194-70 is a pin-compatible upgrade of the Cypress
W42C70-01. The W194-70 addresses some application de-
pendent problems experienced by users of the older device.
Pin Definitions
Pin Name
Pin No.
Pin
Type
Pin Description
IN
2
I
Reference Input: The output signals will be synchronized to this signal.
FBIN
1
I
Feedback Input: This input must be fed by one of the outputs (OUT1 or OUT2) to ensure
proper functionality. If the trace between FBIN and the output pin being used for feedback
is equal in length to the traces between the outputs and the signal destinations, then the
signals received at the destinations will be synchronized to the REF signal input (IN).
OUT1
6
O
Output 1: The frequency of the signal provided by this pin is determined by the feedback
signal connected to FBIN, and the FS0:1 inputs (see Table 1).
OUT2
8
O
Output 2: The frequency of the signal provided by this pin is one-half of the frequency of
OUT1. See Table 1.
VDD
7
P
Power Connections: Connect to 3.3V or 5V. This pin should be bypassed with a 0.1-
µF
decoupling capacitor. Use ferrite beads to help reduce noise for optimal jitter perfor-
mance.
GND
3
P
Ground Connection: Connect all grounds to the common system ground plane.
FS0:1
4, 5
I
Function Select Inputs: Tie to VDD (HIGH, 1) or GND (LOW, 0) as desired per Table 1.
C8
G
Ferrite
Bead
Power Supply Connection
V+
G
CA
G
FS1
FS0
GND
IN
FBIN
10 µF
0.01 µF
1
2
3
4
8
7
6
5
22
Ω
22
Ω
G
C9 = 0.1 µF
OUTPUT 1
OUTPUT 2
OUT 2
VDD
OUT 1
Figure 1. Schematic/Suggested Layout



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com