Electronic Components Datasheet Search
  English  ▼

X  

W216 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # W216
Description  Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W216 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button W216 Datasheet HTML 4Page - Cypress Semiconductor W216 Datasheet HTML 5Page - Cypress Semiconductor W216 Datasheet HTML 6Page - Cypress Semiconductor W216 Datasheet HTML 7Page - Cypress Semiconductor W216 Datasheet HTML 8Page - Cypress Semiconductor W216 Datasheet HTML 9Page - Cypress Semiconductor W216 Datasheet HTML 10Page - Cypress Semiconductor W216 Datasheet HTML 11Page - Cypress Semiconductor W216 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
W216
PRELIMINARY
8
Note:
2.
CPU and PCI frequency selections are listed in Table 2 and Table 6.
Table 6. Additional Frequency Selections through Serial Data Interface Data Bytes
Input Conditions
Output Frequency
Spread On
Data Byte 0, Bit 3 = 1
CPU, SDRAM
Clocks (MHz)
PCI Clocks
(MHz)
Spread Percentage
Bit 2
SEL_3
Bit 6
SEL_2
Bit 5
SEL_1
Bit 4
SEL_0
1111
133.3
33.3 (CPU/4)
–0.5% Down
1110
124
31 (CPU/4)
–0.5% Down
1101
150
37.5 (CPU/4)
–0.5% Down
1100
140
35 (CPU/4)
–0.5% Down
1011
105
35 (CPU/3)
–0.5% Down
1010
110
36.7 (CPU/3)
–0.5% Down
1001
115
38.3 (CPU/3)
–0.5% Down
1000
120
40 (CPU/3)
–0.5% Down
0111
100
33.3 (CPU/3)
–0.5% Down
0110
Reserved
–0.5% Down
0101
112
37.3 (CPU/3)
–0.5% Down
0100
103
34.3 (CPU/3)
–0.5% Down
0011
66.8
33.4 (CPU/2)
–0.5% Down
0010
83.3
41.7 (CPU/2)
–0.5% Down
0001
75
37.5 (CPU/2)
–0.5% Down
0000
Reserved
–0.5% Down
Table 7. Select Function for Data Byte 0, Bits 0:1
Function
Input Conditions
Output Conditions
Data Byte 0
CPU_F, 1:2
PCI_F,
PCI0:5
REF0:1,
IOAPIC0,_F
48MHZ
24MHZ
Bit 1
Bit 0
Normal Operation
0
0
Note 2
Note 2
14.318 MHz
48 MHz
24 MHz
Spread Spectrum
1
0
Note 2
Note 2
14.318 MHz
48 MHz
24 MHz
Three-state
X
1
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com