Electronic Components Datasheet Search
  English  ▼

X  

W216 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W216
Description  Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W216 Datasheet(HTML) 1 Page - Cypress Semiconductor

  W216 Datasheet HTML 1Page - Cypress Semiconductor W216 Datasheet HTML 2Page - Cypress Semiconductor W216 Datasheet HTML 3Page - Cypress Semiconductor W216 Datasheet HTML 4Page - Cypress Semiconductor W216 Datasheet HTML 5Page - Cypress Semiconductor W216 Datasheet HTML 6Page - Cypress Semiconductor W216 Datasheet HTML 7Page - Cypress Semiconductor W216 Datasheet HTML 8Page - Cypress Semiconductor W216 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PRELIMINARY
Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
W216
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
October 27, 1999, rev. **
Features
• Maximized EMI Suppression using Cypress’s Spread
Spectrum Technology
• Single chip system FTG for Intel® 440BX AGPset and
VIA Apollo Pro-133
• Three copies of CPU output
• Seven copies of PCI output
• One 48-MHz output for USB / One 24-MHz for SIO
• Two buffered reference outputs
• Two IOAPIC outputs
• Seventeen SDRAM outputs provide support for 4
DIMMs
• Supports frequencies up to 150 MHz
•I2C™ interface for programming
• Power management control inputs
Key Specifications
CPU Cycle-to-Cycle Jitter: .......................................... 250 ps
CPU to CPU Output Skew: ......................................... 175 ps
PCI to PCI Output Skew: ............................................ 500 ps
SDRAMIN to SDRAM0:15 Delay: ..........................3.7 ns typ.
VDDQ3: .................................................................... 3.3V±5%
VDDQ2: .................................................................... 2.5V±5%
SDRAM0:15 (leads) to SDRAM_F Skew: ..............0.4 ns typ.
Intel is a registered trademark of Intel Corporation. I2C is a trademark of Philips Corporation.
Table 1. Mode Input Table
Mode
Pin 3
0PCI_STOP#
1REF0
Table 2. Pin Selectable Frequency
Input Address
CPU_F, 1:2
(MHz)
PCI_F, 0:5
(MHz)
FS3
FS2
FS1
FS0
1111
133.3
33.3 (CPU/4)
1110
124
31 (CPU/4)
1101
150
37.5 (CPU/4)
1100
140
35 (CPU/4)
1011
105
35 (CPU/3)
1010
110
36.7 (CPU/3)
1001
115
38.3 (CPU/3)
1000
120
40 (CPU/3)
0111
100
33.3 (CPU/3)
0110
Reserved
0101
112
37.3 (CPU/3)
0100
103
34.3 (CPU/3)
0011
66.8
33.4 (CPU/2)
0010
83.3
41.7 (CPU/2)
0001
75
37.5 (CPU/2)
0000
Reserved
Block Diagram
Pin Configuration
Note:
1.
Internal pull-up resistors should not be relied upon for setting I/O
pins HIGH. Pin function with parentheses determined by MODE pin
resistor strapping. Unlike other I/O pins, input FS3 has an internal
pull-down resistor.
[1]
VDDQ3
REF0/(PCI_STOP#)
VDDQ2
IOAPIC_F
CPU_F
CPU1
CPU2
PCI_F/MODE
XTAL
PLL Ref Freq
PLL 1
X2
X1
REF1/FS2
VDDQ3
Stop
Clock
Control
Stop
Clock
Control
PCI1
PCI2
PCI3
PCI5
48MHz/FS1
24MHz/FS0
PLL2
÷2,3,4
OSC
VDDQ2
CLK_STOP#
VDDQ3
IOAPIC0
PCI4
I2C
SDATA
Logic
SCLK
I/O Pin
Control
SDRAM0:15
SDRAMIN
16
VDDQ3
PCI0/FS3
Stop
Clock
Control
Stop
Clock
Control
SDRAM_F
VDDQ3
REF1/FS2
REF0/(PCI_STOP#)
GND
X1
X2
VDDQ3
PCI_F/MODE
PCI0/FS3
GND
PCI1
PCI2
PCI3
PCI4
VDDQ3
PCI5
SDRAMIN
SDRAM11
SDRAM10
VDDQ3
SDRAM9
SDRAM8
GND
SDRAM15
VDDQ2
IOAPIC0
IOAPIC_F
GND
CPU_F
CPU1
VDDQ2
CPU2
GND
CLK_STOP#
SDRAM_F
VDDQ3
SDRAM0
SDRAM1
GND
SDRAM2
SDRAM3
SDRAM4
SDRAM5
VDDQ3
SDRAM6
SDRAM7
GND
SDRAM12
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
32
31
30
29
SDRAM14
GND
SDATA
SCLK
SDRAM13
VDDQ3
24MHz/FS0
48MHz/FS1


Similar Part No. - W216

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W21 ETC1-W21 Datasheet
100Kb / 2P
Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W21 WELWYN-W21 Datasheet
80Kb / 2P
Vitreous Enamelled Wirewound Resistors
W21 WELWYN-W21 Datasheet
1Mb / 3P
Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
W21 TTELEC-W21 Datasheet
597Kb / 3P
Vitreous Enamelled Wirewound Resistors
06.18
W21 TTELEC-W21 Datasheet
590Kb / 3P
Vitreous Enamelled Wirewound Resistors
10.19
More results

Similar Description - W216

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W161 CYPRESS-W161 Datasheet
117Kb / 9P
133-MHz Spread Spectrum FTG for Pentium II Platforms
October 13, 1999, rev.
W167B CYPRESS-W167B Datasheet
180Kb / 18P
133-MHz Spread Spectrum FTG for Pentium II Platforms
November 2, 1999
W196 CYPRESS-W196 Datasheet
138Kb / 11P
Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
October 28, 1999, rev
W199 CYPRESS-W199 Datasheet
154Kb / 14P
Spread Spectrum FTG for VIA Apollo Pro-133
October 19, 1999, rev
W210 CYPRESS-W210 Datasheet
162Kb / 14P
Spread Spectrum FTG for VIA K7 Chipset
April 11, 2000, rev. C
W211B CYPRESS-W211B Datasheet
174Kb / 16P
FTG for 440BX, VIA Apollo Pro-133, and ProMedia
W230-03 CYPRESS-W230-03 Datasheet
175Kb / 15P
Spread Spectrum FTG for VIA K7 Chipset
W210H CYPRESS-W210H Datasheet
165Kb / 14P
Spread Spectrum FTG for VIA K7 Chipset
logo
SpectraLinear Inc
W196 SPECTRALINEAR-W196 Datasheet
130Kb / 11P
Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
logo
Cypress Semiconductor
W196 CYPRESS-W196_02 Datasheet
144Kb / 12P
Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com