Electronic Components Datasheet Search
  English  ▼

X  

NCDCLASSI Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NCDCLASSI
Description  Ceramic Disc Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCDCLASSI Datasheet(HTML) 2 Page - NIC-Components Corp.

  NCDCLASSI Datasheet HTML 1Page - NIC-Components Corp. NCDCLASSI Datasheet HTML 2Page - NIC-Components Corp. NCDCLASSI Datasheet HTML 3Page - NIC-Components Corp. NCDCLASSI Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
Ceramic Disc Capacitors
STANDARD PRODUCTS AND MAXIMUM DIAMETER (mm) BY T.C. AND VOLTAGE
NCD Series Class I
NIC RESERVES THE RIGHT TO REQUEST MINIMUM QUANTITIES ON CERTAIN VALUES
LEAD DIAMETER
0.6MM IS STANDARD
BODY THICKNESS
2 ~ 4MM DEPENDENT ON CV
(BULK ONLY)
(BULK AND TAPED STYLES)
23 min.
5 max.
S
J Style
1.5+0.2
4.7 + 1
5 max.
S
D Style
1.5+0.2
K Style
23 min.
5 max.
1.5+0.2
S
E Style
4.7 + 1
5 max.
1.5+0.2
S
23 min.
2 max.
S
Low Voltage
100Vdc & Below
Standard
500Vdc & Up
23 min.
3 max.
S
Lead Spacing (mm) - S
Body
Diameter
Standard
Bulk
Standard
T&R
Optional Bulk
mm (inches)
Optional T&R
mm (inches)
5 ~ 11
6.35 ± 0.8
5.0 ± 0.8
5.0 ± 0.8 (0.200LS)
2.5 ± 0.8 (0.100LS)
>12
6.35 ± 0.8
5.0 ± 0.8
7.5 ± 0.8 (0.295LS)
7.5 ± 0.8 (0.295LS)
10.0 ± 0.8 (0.395LS) 10.0 ± 0.8 (0.395LS)
Cap.
(pF)
NPO
N750
SL
N1500
Working Voltage (Vdc)
50
100
500
1K
50
100
500
1K
50
100
500
1K
50
100
500
1K
0.5 ~ 18
6
6
6
-
-
-
6
6
6
-
-
-
20
666666666
-
-
-
22
666666666666
27
666666666666
33
667667666666
39
677667666666
47
678
678
666666
56
778778666666
68
779779666666
75
779779667667
82
779779667667
100
88
10
88
10
667677
120
88
10
88
10
667677
150
99
12
99
12
678688
180
99
14
99
14
678688
220
10
10
16
10
10
16
789799
270
12
12
16
12
12
16
8
9
10
8
9
10
330
14
14
18
14
14
18
8
10
12
8
10
12
470
16
16
20
16
16
20
9
12
14
9
12
14
560
------
10
12
14
10
14
14
680
------
10
14
16
10
14
16
750
------
12
16
16
12
16
16
820
------
12
16
16
12
16
16
1000
------
14
16
18
14
16
18



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com