Electronic Components Datasheet Search
  English  ▼

X  

NCDCLASSI Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NCDCLASSI
Description  Ceramic Disc Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCDCLASSI Datasheet(HTML) 1 Page - NIC-Components Corp.

  NCDCLASSI Datasheet HTML 1Page - NIC-Components Corp. NCDCLASSI Datasheet HTML 2Page - NIC-Components Corp. NCDCLASSI Datasheet HTML 3Page - NIC-Components Corp. NCDCLASSI Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
Ceramic Disc Capacitors
NCD Series Class I
TEMPERATURE COMPENSATING AND
TEMPERATURE STABLE TYPES (CLASS I)
FEATURES
• PROVIDES AN ACCURATE, PREDICTABLE LINEAR CAPACITANCE
..CHANGE WITH VARIATIONS IN OPERATING TEMPERATURE
• NPO TYPES PROVIDE DRIFT FREE PERFORMANCE
• TIGHT TOLERANCES AVAILABLE
• AVAILABLE WITH FORMED LEADS AND ON TAPE
SPECIFICATIONS
+10
D
B
+5
A
O
-5
-10
A
B
D
C
-55
-35
-15
+5
+25
+45
+65
+85
A
−NPO
B
−N-750
C
−N-1500
D
−SL
TEMPERATURE
Temperature
Characteristics
NPO
N750
SL
N1500
Operating
Temperature Range
-30°C ~ +85°C
Capacitance Range
0.5 ~ 470pF
22 ~ 470pF
0.5 ~ 1000pF
22 ~ 2200pF
Standard Tolerance
±5% (J)
Capacitance Change Over
Temperature Range
±1%
-5% ~ +7.5%
-5% ~ +9%
-10% ~ +20%
Q Factor (Min. 1MHz)
1000 (C>30pF)
400+20C (<30pF)
500 (C>30pF)
200+10C (<30pF)
Insulation Resistance
Minimum 10,000 Megohms
Temperature Coefficient
0±60ppm
N750±120ppm
N330±500ppm
N1500±250ppm
Working Voltage Range
50Vdc ~ 1KVdc
Dielectric Withstanding
Voltage (Test Voltage)
2.5 Times Rated Voltage For Not Less Than 1 Second, 50mA Maximum
Load Life
Test @ 85°C
1,000 Hours
Cap. Change
±3%
±15%
±30%
±50%
Q Factor (min.)
Shall Confom To Initial Measurements Above
I.R. (min.)
10,000 Megohms
Test Conditions
<1,000pF; 1MHz, 1.2Vrms Max., >1,000pF; 1KHz, 1.2Vrms Max.
*See Part Number System for Details
NCD 101 J 500 NPO
TR
J
Optional Packaging
TR = Taped and Reel
TB = Tape and Box (Ammo)
Optional Lead Style
C = Cut Lead
D = Inside Kink (Short Leads)
E = Outward Kink (Short Leads)
J = Inside Kink (Long Leads)
K = Outward Kink (Long Leads)
Temperature Coefficient
Working Voltage DC
Tolerance Code
C = ± 0.25pF
K = ± 10%
D = ± 0.5pF
M = ± 20%
J = ± 5%
Z = + 80% / - 20%
Capacitance code, expressed in pfd,
First two digits are significant, third digit is no. of
zeros. “R” indicates decimal for under 10pfd.
Series
RoHS compliant
F
.100LS
Optional Lead Space (LS) and/or
Lead Length (LL) in inches
C


Similar Part No. - NCDCLASSI

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCDCLASSII NIC-NCDCLASSII Datasheet
130Kb / 4P
Ceramic Disc Capacitors
NCDCLASSIII NIC-NCDCLASSIII Datasheet
129Kb / 4P
NCDClassIII
More results

Similar Description - NCDCLASSI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
Ceramic Disc Capacitors
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
Ceramic Disc Capacitors
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
Ceramic Disc Capacitors
07-Jan-10
logo
AVX Corporation
5GK180JABAA AVX-5GK180JABAA Datasheet
61Kb / 3P
Disc Ceramic Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
Ceramic Disc Capacitors
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
Ceramic Disc Capacitors
NCD4 NIC-NCD4 Datasheet
100Kb / 4P
Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
Ceramic Disc Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com