Electronic Components Datasheet Search
  English  ▼

X  

NCDCLASSI Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NCDCLASSI
Description  Ceramic Disc Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCDCLASSI Datasheet(HTML) 4 Page - NIC-Components Corp.

  NCDCLASSI Datasheet HTML 1Page - NIC-Components Corp. NCDCLASSI Datasheet HTML 2Page - NIC-Components Corp. NCDCLASSI Datasheet HTML 3Page - NIC-Components Corp. NCDCLASSI Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
Ceramic Disc Capacitors
Taping Specifications
AMMO PACK
H
≤ 372 (14.64")
L
≤ 377 (14.84")
W
≤ 55 (2.16")
Acceptable to
standard radial type cartridge.
Acceptable to standard radial type cartridge with a few
extra accessories.
D < 354 (13.93")
B > 21 (.83") but
< 30 (1.18")
W < 55 (2.16")
=
=
=
=
H
L
W
REEL
W
D
B
PART NUMBER SUFFIX FOR OPTIONAL TAPE & REEL OR TAPE & BOX PACKAGING
Tape & Reel Straight Lead Options
TRF = Tape & Reel with 5mm lead-space
TR.100LSF = Tape & Reel with 2.0mm lead-space
TR.250LSF = Tape & Reel with 6.35mm lead-space
TR.300LSF = Tape & Reel with 7.5mm lead-space
TR.375LSF = Tape & Reel with 9.5mm lead-space
Tape & Reel Crimped Lead Options (J = Inward Crimp, K = Outward Crimp)
JTRF or KTRF = Tape & Reel with 5mm lead-space
JTR.250LSF or KTR.250LSF = Tape & Reel with 6.35mm lead-space
JTR.300LSF or KTR.300LSF = Tape & Reel with 7.5mm lead-space
JTR.375LSF or KTR.375LSF = Tape & Reel with 9.5mm lead-space
Tape & Box Straight Lead Options
TBF = Tape & Reel with 5mm lead-space
TB.100LSF = Tape & Reel with 2.0mm lead-space
TB.250LSF = Tape & Reel with 6.35mm lead-space
TB.300LSF = Tape & Reel with 7.5mm lead-space
TB.375LSF = Tape & Reel with 9.5mm lead-space
Tape & Box Crimped Lead Options (J = Inward Crimp, K = Outward Crimp)
JTBF or KTBF = Tape & Reel with 5mm lead-space
JTB.250LSF or KTBR.250LSF = Tape & Reel with 6.35mm lead-space
JTB.300LSF or KTB.300LSF = Tape & Reel with 7.5mm lead-space
JTB.375LSF or KTB.375LSF = Tape & Reel with 9.5mm lead-space
Notes:
1. The above lead-space options may not be available in all part diameters. Contact NIC for details.
2. Inward "J style" and outward "K style" may not be available in all part diameters and voltages. Contact NIC for details.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com