Electronic Components Datasheet Search
  English  ▼

X  

DS1065 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1065
Description  EconOscillator/Divider
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1065 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1065 Datasheet HTML 2Page - Dallas Semiconductor DS1065 Datasheet HTML 3Page - Dallas Semiconductor DS1065 Datasheet HTML 4Page - Dallas Semiconductor DS1065 Datasheet HTML 5Page - Dallas Semiconductor DS1065 Datasheet HTML 6Page - Dallas Semiconductor DS1065 Datasheet HTML 7Page - Dallas Semiconductor DS1065 Datasheet HTML 8Page - Dallas Semiconductor DS1065 Datasheet HTML 9Page - Dallas Semiconductor DS1065 Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DS1065
9 of 10
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-1.0V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(TA = 0°C to 70°C; VCC = 5V
± 5%)
PARAMETER
SYMBOL
CONDITION
MIN
TYP MAX UNITS NOTES
Supply Voltage
VCC
4.75
5
5.25
V
High-level Output
Voltage (IN/OUT)
VOH
IOH = -4 mA,
VCC = MIN
2.4
V
Low-level Output
Voltage (IN/OUT)
VOL
IOL = 4 mA
0.4
V
High-level Input
Voltage (IN/OUT)
VIH
2V
Low-level Input
Voltage(IN/OUT)
VIL
0.8
V
High-level Input
Current
IIH
VIH =2.4V, VCC =
5.25V
1uA
Low-level Input
Current
IIL
VIL =0,VCC
=5.25V
-1
uA
Supply Current
(Active)
DS1065-100
DS1065-80
DS1065-66
DS1065-60
ICC
CL= 15 pF
35
50
mA
mA
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com