Electronic Components Datasheet Search
  English  ▼

X  

DS1065 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1065
Description  EconOscillator/Divider
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1065 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1065 Datasheet HTML 2Page - Dallas Semiconductor DS1065 Datasheet HTML 3Page - Dallas Semiconductor DS1065 Datasheet HTML 4Page - Dallas Semiconductor DS1065 Datasheet HTML 5Page - Dallas Semiconductor DS1065 Datasheet HTML 6Page - Dallas Semiconductor DS1065 Datasheet HTML 7Page - Dallas Semiconductor DS1065 Datasheet HTML 8Page - Dallas Semiconductor DS1065 Datasheet HTML 9Page - Dallas Semiconductor DS1065 Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
DS1065
10 of 10
AC ELECTRICAL CHARACTERISTICS
(TA = 0°C to 70°C; VCC = 5V
± 5%)
PARAMETER
SYMBOL
CONDITION
MIN TYP MAX UNITS NOTES
Output Frequency
Tolerance
DfO
VCC = 5V, TA
=25°C
-0.5
0
+0.5
%
Combined Frequency
Variation
DfO
Over temp and
voltage
-3
+3
%
Power-Up Time
tpor + tstab
0.1
1
ms
1
Load Capacitance
(IN/OUT)
CL
15
2
pF
2
Output Duty Cycle
IN/OUT
OUT0
40
40
60
60
%
%
Jitter
J
100
pS
3
NOTES:
1. This is the time from when VCC is applied until the output starts oscillating.
2. Operation with higher capacitance loads may result in reduced output voltage and maximum
operating frequency.
3. Parameter given is a typical max.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com